công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK5F1U3C3D-E bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện STK5F1U3C3D-E
Giải thích chi tiết về linh kiện  Inverter Power IPM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F1U3C3D-E bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  STK5F1U3C3D-E Datasheet HTML 1Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 2Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 3Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 4Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 5Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 6Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 7Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 8Page - ON Semiconductor STK5F1U3C3D-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
STK5F1U3C3D-E
www.onsemi.com
2
Electrical Characteristics
at Tc
 25C, VD1, VD2, VD3, VD4=15V
Parameter
Symbol
Conditions
Test
circuit
Ratings
Unit
Min.
Typ.
Max.
Power output section
Collector to emitter cut-off current
ICE
VCE=600V
Fig.1
-
-
100
μA
Bootstrap diode reverse current
IR(BD)
VR(BD)=600V
-
-
100
μA
Collector to emitter saturation
voltage
VCE(sat)
Ic=30A
Upper side
Fig.2
-
1.7
2.5
V
Lower side
-
2.2
3.1
Ic=15A,
Tj=100
C
Upper side
-
1.4
-
Lower side
-
1.7
-
Diode forward voltage
VF
IF=30A
Upper side
Fig.3
-
1.8
2.7
V
Lower side
-
2.3
3.1
IF=15A,
Tj=100
C
Upper side
-
1.45
-
Lower side
-
1.7
-
Junction to case thermal resistance
θj-c(T)
IGBT
-
-
1.8
-
C/W
θj-c(D)
FWD
-
-
2.3
-
C/W
Control (Pre-driver) section
Pre-drive power supply consumption
current
ID
VD1, 2, 3=15V
Fig.4
-
0.05
0.4
mA
VD4=15V
-
1.0
4.0
High level input voltage
Vin H
HIN1, HIN2, HIN3,
LIN1, LIN2, LIN3 to VSS
-
2.5
-
-
V
Low level input voltage
Vin L
-
-
-
0.8
V
Logic 1 input leakage current
IIN+
VIN=+3.3V
-
-
100
195
μA
Logic 0 input leakage current
IIN
VIN=0V
-
-
-
1
μA
Bootstrap limiting resistor
RBoot
-
-
39
-
Gate resistor
Rb
-
-
30
-
Rg
-
-
47
-
Protection section
Over-current protection current
ISD
PW=100μs,RSD=0Ω
Fig.5
37
-
49
A
Over-current protection
noise filter time constant
ISDNF
-
-
2.0
-
us
Vdd and VBx supply undervoltage
positive going input threshold
VddUV+
VBxUV+
-
10.6
11.1
11.6
V
Vdd and VBx supply undervoltage
negative going input threshold
VddUV-
VBxUV-
-
10.4
10.9
11.4
V
Vdd and VBx supply undervoltage
Ilockout hysteresis
VddUVH
VBxUVH
-
-
0.2
-
V
FAULT terminal sink current
IOSD
VFAULT=0.1V
-
1
1.5
-
mA
FAULT clearance delay time
FLTCLR
From time fault condition clear
-
1.3
1.65
2.5
ms
Switching character
Switching time
tON
Io=30A, Inductive load
Fig.6
-
0.8
1.5
μs
tOFF
-
1.0
2.0
μs
Turn-on switching loss
Eon
Io=30A, VCC=300V,
VD=15V, L=690μH
-
1070
-
μJ
Turn-off switching loss
Eoff
-
890
-
μJ
Total switching loss
Etot
-
1960
-
μJ
Turn-on switching loss
Eon
Io=15A, VCC=300V,
VD=15V, L=690μH,
Tc=100
C
-
590
-
μJ
Turn-off switching loss
Eoff
-
590
-
μJ
Total switching loss
Etot
-
1180
-
μJ
Diode reverse recovery energy
Erec
Io=15A, VCC=300V,
VD=15V, L=690μH,
Tc=100
C
-
-
95
-
μJ
Diode reverse recovery time
Trr
-
145
-
ns
Reverse bias safe operating area
RBSOA
Io = 49A, VCE=450V
-
Full square
Short circuit safe operating area
SCSOA
VCE=400V, Tc=100C
-
4
-
-
μs
Electric current output signal level
ISO
Io=30A
-
0.384
0.405
0.427
V
Reference voltage is VSS terminal voltage unless otherwise specified.
*1: The lower side’s VCE(sat) and VF include a loss by the shunt resistance.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Số phần tương tự - STK5F1U3C3D-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
More results

Mô tả tương tự - STK5F1U3C3D-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com