công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK5F1U3C2D-E bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện STK5F1U3C2D-E
Giải thích chi tiết về linh kiện  Inverter Power H-IC for 3-phase Motor Drive
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F1U3C2D-E bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button STK5F1U3C2D-E Datasheet HTML 6Page - ON Semiconductor STK5F1U3C2D-E Datasheet HTML 7Page - ON Semiconductor STK5F1U3C2D-E Datasheet HTML 8Page - ON Semiconductor STK5F1U3C2D-E Datasheet HTML 9Page - ON Semiconductor STK5F1U3C2D-E Datasheet HTML 10Page - ON Semiconductor STK5F1U3C2D-E Datasheet HTML 11Page - ON Semiconductor STK5F1U3C2D-E Datasheet HTML 12Page - ON Semiconductor STK5F1U3C2D-E Datasheet HTML 13Page - ON Semiconductor STK5F1U3C2D-E Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
STK5F1U3C2D-E
No.A2298-10/15
Recommended Operating Conditions at Tc = 25C
Parameter
Symbol
Conditions
Ratings
Unit
Min
Typ
Max
Supply voltage
VCC
P to N
0
280
450
V
Pre-driver supply voltage
VD1, 2, 3
VB1 to VS1, VB2 to VS2, VB3 to VS3
12.5
15
17.5
V
VD4
VDD to VSS *1
13.5
15
16.5
Input ON voltage
VIN(ON)
HIN1, HIN2, HIN3,
LIN1, LIN2, LIN3
3.0
-
VDD
V
Input OFF voltage
VIN(OFF)
0
-
0.8
PWM frequency
fPWM
1
-
20
kHz
Dead time
DT
Turn-off to turn-on (external)
2
-
-
μs
Allowable input pulse width
PWIN
ON pulse width/OFF pulse width
1
-
-
μs
Tightening torque
MT
‘M4’ type screw
0.79
-
1.17
Nm
*1 Pre-driver power supply (VD4=15±1.5V) must have the capacity of Io=20mA (DC), 0.5A (Peak).
Usage Precautions
1. This H-IC includes bootstrap diode and resistors. Therefore, by adding a capacitor “CB”, a high side drive voltage is generated;
each phase requires an individual bootstrap capacitor. The recommended value of CB is in the range of 1 to 47μF, however this
value needs to be verified prior to production. If selecting the capacitance more than 47μF (±20%), connect a resistor (about
20Ω) in series between each 3-phase upper side power supply terminals (VB1,2,3) and each bootstrap capacitor.
When not using the bootstrap circuit, each upper side pre-drive power supply requires an external independent power supply.
2. It is essential that wirning length between terminals in the snubber circuit be kept as short as possible to reduce the effect of
surge voltages. Recommended value of “CS” is in the range of 0.1 to 10μF.
3. “ISO” (pin17) is terminal for current monitor. When the pull-down resistor is used, please select it more than 5.6kΩ.
4. “FAULT” (pin16) is open DRAIN output terminal. (Active Low). Pull up resistor is recommended more than 5.6kΩ.
5. Inside the H-IC, a thermistor used as the temperature monitor for internal subatrate is connected between VSS terminal and
TH terminal, therefore, an external pull up resistor connected between the TH terminal and an external power supply should be
used. The temperature monitor example application is as follows, please refer the Fig.11, and Fig.12 below.
6. The pull down resistor of 33kΩ is provided internally at the signal input terminals. An external resistor of 2.2k to 3.3kΩ should
be added to reduce the influence of external wiring noise.
7. The over-current protection feature is not intended to protect in exceptional fault condition. An external fuse is recommended
for safety.
8. When “N” and “VSS” terminal are short-circuited on the outside, level that over-current protection (ISD) might be changed
from designed value as H-IC. Please check it in your set (“N” terminal and “VSS” terminal are connected in H-IC).
9. The over-current protection function operates normally when an external resistor RSD is connected between ISD and VSS
terminals. Be sure to connect this resistor. The level of the overcurrent protection can be changed according to the RSD value.
10. When input pulse width is less than 1.0μs, an output may not react to the pulse. (Both ON signal and OFF signal)
This data shows the example of the application circuit, does not guarantee a design as the mass production set.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


Số phần tương tự - STK5F1U3C2D-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
More results

Mô tả tương tự - STK5F1U3C2D-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK621-033N-E SANYO-STK621-033N-E Datasheet
83Kb / 8P
   3-phase Inverter Motor Drive Inverter Hybrid IC
STK621-061-E SANYO-STK621-061-E Datasheet
87Kb / 8P
   3-phase Inverter Motor Drive Inverter Hybrid IC
logo
ON Semiconductor
STK621-061-E ONSEMI-STK621-061-E Datasheet
85Kb / 8P
   3-Phase Motor Drive Inverter Hybrid IC
July, 2013
STK611-721-E ONSEMI-STK611-721-E Datasheet
129Kb / 9P
   3-Phase Motor Drive Inverter Hybrid IC
July, 2013
logo
Sanyo Semicon Device
STK611-721-E SANYO-STK611-721-E Datasheet
131Kb / 9P
   Fan 3-phase Inverter Motor Drive Inverter Hybrid IC
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
   3-phase Motor Drive Inverter
logo
List of Unclassifed Man...
PMM3101 ETC-PMM3101 Datasheet
45Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
ON Semiconductor
STK5F4U3E2D-E ONSEMI-STK5F4U3E2D-E Datasheet
496Kb / 14P
   Inverter Power H-IC
October,2013
logo
Mitsubishi Electric Sem...
PS21267-P-AP MITSUBISHI-PS21267-P-AP Datasheet
178Kb / 10P
   AC100V~200V three-phase inverter drive for small power motor control.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com