công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK5C4U332J-E bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện STK5C4U332J-E
Giải thích chi tiết về linh kiện  Intelligent Power Module (IPM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5C4U332J-E bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button STK5C4U332J-E Datasheet HTML 6Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 7Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 8Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 9Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 10Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 11Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 12Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 13Page - ON Semiconductor STK5C4U332J-E Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STK5C4U332J-E
www.onsemi.com
11
Mounting Instructions
Item
Recommended Condition
Pitch
26.0 ±0.1 mm (Please refer to Package Outline Diagram)
Screw
Diameter : M3
Screw head types : pan head, truss head, binding head
Washer
Plane washer dimensions (Figure 14)
D = 7 mm, d = 3.2 mm and t = 0.5 mm JIS B 1256
Heat sink
Material: Aluminum or Copper
Warpage (the surface that contacts IPM ) :
50 to 50 μm
Screw holes must be countersunk.
No contamination on the heat sink surface that contacts IPM.
Torque
Temporary tightening : 50 to 60% of final tightening on first screw
Temporary tightening : 50 to 60% of final tightening on second screw
Final tightening : 0.4 to 0.6 Nm on first screw
Final tightening : 0.4 to 0.6 Nm on second screw
Grease
Silicone grease.
Thickness : 50 to 100 μm
Uniformly apply silicone grease to whole back.
Thermal foils are only recommended after careful evaluation. Thickness, stiffness and
compressibility parameters have a strong influence on performance.
Figure 14: Module Mounting details: components; washer drawing; need for even spreading of thermal grease
Recommended
Notrecommended
Siliconegrease


Số phần tương tự - STK5C4U332J-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK500 ETC1-STK500 Datasheet
2Mb / 61P
   User Guide
logo
ATMEL Corporation
STK500 ATMEL-STK500 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
logo
SHENZHEN DOINGTER SEMIC...
STK5006P DOINGTER-STK5006P Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STK5006P VBSEMI-STK5006P Datasheet
2Mb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
ATMEL Corporation
STK501 ATMEL-STK501 Datasheet
1Mb / 29P
   STK500 Compatible
More results

Mô tả tương tự - STK5C4U332J-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com