công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BD-2412S4LF bảng dữ liệu(PDF) 3 Page - Bothhand USA, LP.

tên linh kiện BD-2412S4LF
Giải thích chi tiết về linh kiện  2 To 6 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOTHHAND [Bothhand USA, LP.]
Trang chủ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BD-2412S4LF bảng dữ liệu(HTML) 3 Page - Bothhand USA, LP.

  BD-2412S4LF Datasheet HTML 1Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 2Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 3Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 4Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 5Page - Bothhand USA, LP. BD-2412S4LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BD LF - Series
2 To 6 Watt Isolated DC-DC Converter
Single / Dual Output
Page
3
of
6
Output Short Circuit Duration
Nominal Input Range
Indefinite & Auto-Restart
Reverse Polarity Input Current Limit
---
---
---
1
A
Operation Temperature (Ambient
Temperature)
Output Full Load
-25
---
+71
Storage Temperature
-55
---
+105
4 . Nominal Input/Output Electrical Specifications
(Specifications typical at Ta= +25℃
,Nominal input voltage, Rated output current unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
12V Input Model
9
12
18
24V Input Model
18
24
36
Input Voltage Range
48V Input Model
36
48
75
Vdc
Line Regulation
Output Full Load
---
---
± 0.5
Single Output Model
---
---
± 0.5
Load Regulation
Dual Output Model
± 2
Output Voltage Accuracy
Nominal Input
---
± 1.0
± 2.0
Output Voltage Balance
Dual Output Same Load
---
---
± 1.0
%
Switching Frequency
---
250
---
KHz
Temperature Coefficient
Nominal Input
---
± 0.01
± 0.02
% / ℃
Standard Series
1500
---
---
Isolation Voltage
High Isolation Series
3000
---
---
Vdc
Isolation Resistance
500 Vdc
1000
---
---
Isolation Capacitance
1KHz / 250mV rms
---
350
---
pF
5 . General Specification
Parameter
Specification
Condition
Isolation Voltage
1500 / 3000 Vdc
Test Duration 60 Seconds / 0.5 mA
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Operating Temperature (1)
-25
~ +
71
@ Ambient Temperature With Natural Convention
Operating Temperature (2)
-25
~ +95
@ Case Surface Temperature
Storage Temperature
-55
~ +105
---
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---
Case Type
Plastic、Metal
---
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Số phần tương tự - BD-2412S4LF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bothhand USA, LP.
BD-2412S4 BOTHHAND-BD-2412S4 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
More results

Mô tả tương tự - BD-2412S4LF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bothhand USA, LP.
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
   2 Watt Isolated DC-DC Converter
BA-2-LF-SERIES BOTHHAND-BA-2-LF-SERIES Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com