công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS5275 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
ADS5275 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 20 page www.ti.com RECOMMENDED OPERATING CONDITIONS ADS5275 SBAS300 – JANUARY 2004 – REVISED NOVEMBER 2004 ADS5275 MIN TYP MAX UNITS SUPPLIES AND REFERENCES Analog Supply Voltage, AVDD 3.0 3.3 3.6 V Output Driver Supply Voltage, LVDD 3.0 3.3 3.6 V CLOCK INPUT AND OUTPUTS ADCLK Input Sample Rate (low-voltage TTL), 1/tC 20 40 MSPS Low-Level Voltage Clock Input 1 V High-Level Voltage Clock Input 2 V ADCLKP and ADCLKN Outputs (LVDS) 20 40 MHz LCLKP and LCLKN Outputs (LVDS)(1) 120 240 MHz Operating Free-Air Temperature, TA -40 +85 °C Thermal Characteristics: θ JA 21 °C/W θ JC 68 °C/W (1) 6 × ADCLK. REFERENCE SELECTION MODE INT/EXT DESCRIPTION 2.0VPP Internal Reference 1 Default with internal pull-up. 0 Internal reference is powered down. Common mode of external reference should be within External Reference 50mV of VCM. VCM is derived from the internal bandgap voltage. 3 |
Số phần tương tự - ADS5275 |
|
Mô tả tương tự - ADS5275 |