công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U1604B bảng dữ liệu(PDF) 9 Page - Keysight Technologies

tên linh kiện U1604B
Giải thích chi tiết về linh kiện  Handheld Digital Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1604B bảng dữ liệu(HTML) 9 Page - Keysight Technologies

Back Button U1604B Datasheet HTML 4Page - Keysight Technologies U1604B Datasheet HTML 5Page - Keysight Technologies U1604B Datasheet HTML 6Page - Keysight Technologies U1604B Datasheet HTML 7Page - Keysight Technologies U1604B Datasheet HTML 8Page - Keysight Technologies U1604B Datasheet HTML 9Page - Keysight Technologies U1604B Datasheet HTML 10Page - Keysight Technologies U1604B Datasheet HTML 11Page - Keysight Technologies U1604B Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
09 | Keysight | U1600 Series Handheld Digital Oscilloscopes - Data Sheet
Power Adapter
Line voltage range 50/60 Hz, 100 – 240 VAC
Output voltage 12 VDC
Battery
Ni-MH rechargeable battery pack 7.2 V, 4500 mAH
Operating time: 4 hours
Charging time: 5 hours, measurement unit off
Allow ambient temperature during charging: 10 ºC to 40 ºC
Operating Environment
Temperature Operating full accuracy
0 ºC to 50 ºC
Non-operating
–20 ºC to 70 ºC
Humidity
Operating full accuracy
to 80% RH at 40 ºC
Altitude
Operating full accuracy
Up to 2000 m
Non-operating
15000 m (50000 ft)
ESD tolerance
± 4 kV
Safety Compliance
IEC 61010-1: 2001/EN61010-1: 2001
CSA C22.2 No. 61010-1: 2004
Pollution degree 2
This instrument is rated for indoor use only.
Dimensions (HxWxD)
24.1 cm height x 13.8 cm width x 6.6 cm depth
Weight
1.5 kg
I/O
USB 2.0 Full Speed Client - For PC connectivity (Standard Option)
USB 2.0 Full Speed Host - For external USB storage (Option 001)
Firmware upgrade through USB.
Warranty
3 years for main unit
3 months for standard shipped accessories unless
otherwise stated.
GENERAL CHARACTERISTICS
ORDERING INFORMATION
U1602B
U1604B
Item
U1602B/U1604B
U1560A 1:1 Scope probe
-
U1561A 10:1 Scope probe
x (2 units)
U1580A Test leads
x
U1162A Alligator clips
x
USB cable
x
U1570A AC power adapter and cord
x
U1571A Ni-MH battery pack
x
Quick Start Guide
x
Certiicate of calibration
x
Standard Shipped Items


Số phần tương tự - U1604B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Mô tả tương tự - U1604B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
Agilent(Hewlett-Packard...
U1600 HP-U1600 Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com