công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U1281A bảng dữ liệu(PDF) 7 Page - Keysight Technologies

tên linh kiện U1281A
Giải thích chi tiết về linh kiện  U1280 Series Handheld Digital Multimeters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1281A bảng dữ liệu(HTML) 7 Page - Keysight Technologies

Back Button U1281A Datasheet HTML 3Page - Keysight Technologies U1281A Datasheet HTML 4Page - Keysight Technologies U1281A Datasheet HTML 5Page - Keysight Technologies U1281A Datasheet HTML 6Page - Keysight Technologies U1281A Datasheet HTML 7Page - Keysight Technologies U1281A Datasheet HTML 8Page - Keysight Technologies U1281A Datasheet HTML 9Page - Keysight Technologies U1281A Datasheet HTML 10Page - Keysight Technologies U1281A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
07 | Keysight | U1280 Series Handheld Digital Multimeters - Data Sheet
U1280 series comparison
U1281A
U1282A
Basic features
Display resolution
60,000
60,000
Auto/manual ranging
Yes
Yes
Analog bar graph
Yes
Yes
Backlight
Yes
Yes
AC bandwidth
30 kHz
100 kHz
True RMS
AC + DC
AC + DC
Measurements
Voltage DC
Range
60 mV to 1000 V
60 mV to 1000 V
Accuracy
0.025 % + 5 cnts
0.025 % + 5 cnts
Voltage AC
Range
60 mV to 1000 V
60 mV to 1000 V
Accuracy
0.3 % + 25 cnts
0.3 % + 25 cnts
Current DC
Range
600 µA to 10 A
600 µA to 10 A
Accuracy
0.05 % + 5 cnts
0.05 % + 5 cnts
Current AC
Range
600 µA to 10 A
600 µA to 10 A
Accuracy
0.6 % + 25 cnts
0.6 % + 25 cnts
Resistance
Range
600 Ω to 60 MΩ
60 Ω to 600 MΩ
Accuracy
0.05 % + 2 cnts
0.05 % + 2 cnts
Frequency
Range
99.999 Hz to 9.9999 MHz
99.999 Hz to 9.9999 MHz
Accuracy
0.005 % + 3 cnts
0.005 % + 3 cnts
Capacitance
Range
10 nF to 100 mF
10 nF to 100 mF
Accuracy
1 % + 5 cnts
1 % + 5 cnts
Temperature
Thermocouple type K-type
J, K-type
Continuity with beeper
Yes
Yes
Diode test
Yes
Yes
Data management
Min/max recording
Yes
Yes
Display hold
Yes
Yes
Auto hold
Yes
Yes
Null
Yes
Yes
PC-Connectivity
Infrared (IR)-USB;
IR-Bluetooth (optional with U1117A)
Infrared (IR)-USB;
IR-Bluetooth (optional with U1117A)
Special features
Square wave output
Yes
Vsense: non-contact voltage detect
Yes
Frequency counter
Yes
Low pass filter
Yes
Safety and regulatory
Over-voltage safety protection
CAT III 1000 V / CAT IV 600 V
CAT III 1000 V / CAT IV 600 V
EN/IEC 61010-2-030: 2010 compliance
Yes
Yes
EN/IEC 61010-1: 2010 compliance
Yes
Yes
General
Operating temperature
–20 °C to 55 °C
0 % to 80 % R.H.
–20 °C to 55 °C
0 % to 80 % R.H.
Battery (included)
4 x 1.5 V AA
4 x 1.5 V AA
Battery life
800 hours
800 hours
Warranty
3-year
3-year
Calibration
One year, or; Two years (with 1.5 times
of one year specification)
One year, or; Two years (with 1.5 times
of one year specification)
Dimensions (H x W x D)
218 x 96 x 59 mm
218 x 96 x 59 mm


Số phần tương tự - U1281A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Mô tả tương tự - U1281A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1280 KEYSIGHT-U1280 Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com