công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FSB50660SF bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện FSB50660SF
Giải thích chi tiết về linh kiện  Motion SPM 5 Series Version 2 User?셲 Guide
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50660SF bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  FSB50660SF Datasheet HTML 1Page - Fairchild Semiconductor FSB50660SF Datasheet HTML 2Page - Fairchild Semiconductor FSB50660SF Datasheet HTML 3Page - Fairchild Semiconductor FSB50660SF Datasheet HTML 4Page - Fairchild Semiconductor FSB50660SF Datasheet HTML 5Page - Fairchild Semiconductor FSB50660SF Datasheet HTML 6Page - Fairchild Semiconductor FSB50660SF Datasheet HTML 7Page - Fairchild Semiconductor FSB50660SF Datasheet HTML 8Page - Fairchild Semiconductor FSB50660SF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AN-9080
APPLICATION NOTE
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1 • 4/16/14
4
3.
Package
3.1. Internal Circuit Diagram
Major differences between Version 2 and previous
versions are red in the internal circuit diagram in Figure 2.
Though some old versions also have these features,
Version 2 widely adopts these features. Main differences
are Vts, internal connections between VS and sources of
high-side FRFETs, and internal bootstrap diodes. The Vts
pin is from V-phase HVIC only and sends out the
temperature sensing signal.
(1) COM
(2) V
B(U)
(3) V
CC(U)
(4) IN
(UH)
(5) IN
(UL)
(6) N.C
(7) V
B(V)
(8) V
CC(V)
(9) IN
(VH)
(10) IN
(VL)
(11) Vts
(12) V
B(W)
(13) V
CC(W)
(14) IN
(WH)
(15) IN
(WL)
(16)
(17) P
(18) U, V
S(U)
(19) N
U
(20) N
V
(21) V, V
S(V)
(22) N
W
(23) W, V
S(W)
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
Vts
COM
VCC
LIN
HIN
VB
HO
VS
LO
N.C
Figure 2. Internal Circuit Diagram of Motion SPM 5
Series Version 2 Products
3.2.
Pin Description
Figure 3 shows the locations of pins and the names of
double-DIP package. Note that Vb pins have longer leads to
accommodate further creepage distance on the PCB. Figure
4 in the later section illustrates the internal layout of the
module in more detail.
Figure 3. Pin Numbers and Names
Table 3. Pin Descriptions
Pin #
Name
Pin Description
1
COM
IC common supply ground
2
VB(U)
Bias voltage for U-phase high-side
MOSFET driving
3
VCC(U)
Bias voltage for U-phase IC and low-side
MOSFET driving
4
IN(UH)
Input for U-phase high-side gate signal
5
IN(UL)
Input for U-phase low-side gate signal
6
NC
No connection
7
VB(V)
Bias voltage for V-phase high-side
MOSFET driving
8
VCC(V)
Bias voltage for V-phase IC and low-side
MOSFET driving
9
IN(VH)
Input for V-phase high-side gate signal
10
IN(VL)
Input for V-phase low-side gate signal
11
VTS
Analog voltage output proportional to IC
temperature
12
VB(W)
Bias voltage for W-phase high-side
MOSFET driving
13
VCC(W)
Bias voltage for W-phase IC and low-side
MOSFET driving
14
IN(WH)
Input for W-phase high-side gate signal
15
IN(WL)
Input for W-phase low-side gate signal
16
NC
No connection
17
P
Positive DC-link input
18
U, VS(U)
Output for U-phase and bias voltage
ground for high-side FET driving
19
NU
Source of U-phase low-side MOSFET
20
NV
Source of V-phase low-side MOSFET
21
V, VS(V)
Output for V-phase and bias voltage
ground for high-side MOSFET driving
22
NW
Source of W-phase low-side MOSFET
23
W, VS(W)
Output for W-phase and bias voltage
ground for high-side MOSFET driving
High-Side Bias Voltage Pins for Driving the High-
Side MOSFET / High-Side Bias Voltage Ground
Pins for Driving the High-Side MOSFET
Pins: VB(U) – U,VS(U), VB(V) – V, VS(V), VB(W) – W, VS(W)
These are drive power supply pins for providing gate
drive power to the high-side MOSFETs.
The advantage of the bootstrap scheme is that no
separate external power supplies are required to drive
the high-side MOSFETs.
Each bootstrap capacitor is generally charged from the
VCC supply during the on-state of the corresponding
low-side MOSFET.


Số phần tương tự - FSB50660SF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FSB50660SF FAIRCHILD-FSB50660SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
logo
ON Semiconductor
FSB50660SF ONSEMI-FSB50660SF Datasheet
761Kb / 13P
   Motion SPM 5 SuperFET Series
April 2014 Rev. C6
logo
Fairchild Semiconductor
FSB50660SFS FAIRCHILD-FSB50660SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
logo
ON Semiconductor
FSB50660SFS ONSEMI-FSB50660SFS Datasheet
734Kb / 12P
   Motion SPM 5 SuperFET Series
Aug 2015 Rev. 1.1
logo
Fairchild Semiconductor
FSB50660SFT FAIRCHILD-FSB50660SFT Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
More results

Mô tả tương tự - FSB50660SF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FAN604H ONSEMI-FAN604H Datasheet
891Kb / 13P
   Motion SPM 5 Series
Rev. 1.2
FSB50450A ONSEMI-FSB50450A Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
NFA50460R4B ONSEMI-NFA50460R4B Datasheet
968Kb / 13P
   Motion SPM 5 Series
December, 2020 ??Rev. 0
FSB50650B ONSEMI-FSB50650B Datasheet
558Kb / 11P
   Motion SPM 5 Series
March, 2019 ??Rev. 2
FSB50250AS ONSEMI-FSB50250AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50825AS ONSEMI-FSB50825AS Datasheet
454Kb / 11P
   Motion SPM 5 Series
April 2015 Rev. 1.6
FSB50550AS ONSEMI-FSB50550AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com