công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M9391A bảng dữ liệu(PDF) 3 Page - Keysight Technologies

tên linh kiện M9391A
Giải thích chi tiết về linh kiện  M9391A PXIe Vector Signal Analyzer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEYSIGHT [Keysight Technologies]
Trang chủ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9391A bảng dữ liệu(HTML) 3 Page - Keysight Technologies

  M9391A Datasheet HTML 1Page - Keysight Technologies M9391A Datasheet HTML 2Page - Keysight Technologies M9391A Datasheet HTML 3Page - Keysight Technologies M9391A Datasheet HTML 4Page - Keysight Technologies M9391A Datasheet HTML 5Page - Keysight Technologies M9391A Datasheet HTML 6Page - Keysight Technologies M9391A Datasheet HTML 7Page - Keysight Technologies M9391A Datasheet HTML 8Page - Keysight Technologies M9391A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3 | Keysight | M9391A PXIe Vector Signal Analyzer - Data Sheet
Overview
Be ready for tomorrow - today
RF requirements keep growing while timelines keep shrinking.
To help ease the technical and business pressures, the right
test solution provides continuity in measurements and
longevity in capability. The Keysight Technologies, Inc.
M9391A PXIe vector signal analyzer (PXI VSA) is the next
logical step in RF signal analysis.
The M9391A PXI VSA, combined with the M9381A PXIe vec-
tor signal generator provides a complete solution for fast,
high quality measurements optimized for RF manufacturing
test environments.
To help you get proven results even faster, Keysight’s PXI
VSA can be used with X-Series measurement applications
for modular instruments, 89600 VSA software and System-
Vue. These software applications enable you to investigate,
validate and test your RF communications designs.
From fully modular hardware to software leverage to world-
wide support, the PXI VSA is the low-risk way to manage
change and be ready for tomorrow—today.
Product description
The M9391A PXI VSA is a modular vector signal analyzer for
frequencies from 1 MHz to 6 GHz and up to 160 MHz analysis
bandwidth. The M9391A is comprised of four individual
PXI modules - M9350A downconverter, M9214A digitizer,
M9301A synthesizer and M9300A frequency reference. A
single M9300A frequency reference can be shared between
multiple instruments to minimize footprint.
The flexible, modular design of the M9391A enables you
to efficiently scale to multi-channel signal analysis to test
multiple-input, multiple-output (MIMO) devices. Capability
can also be scaled with options for memory, frequency range
and modulation bandwidth which can be easily upgraded in
the field.
Applications
– Power amplifier and front-end-module design validation
and manufacturing
– Radio transceiver design validation and production test
– MIMO and multi-channel device test
Figure 1. M9391A PXIe vector signal analyzer with four modules consisting
of the M9214A digitizer, M9301A synthesizer, M9350A downconverter and
M9300A frequency reference.
Reference solutions
Application specific reference solutions, a combi-
nation of recommended hardware, software, and
measurement expertise, provide the essential com-
ponents of a test system. The following reference
solutions include the M9391A PXI VSA as a hardware
component.
– RF PA/FEM characterization and test, Refer-
ence Solution for the industry’s fastest envelope
tracking test, rapid waveform download, tight
synchronization, automated calibration and
digital pre-distortion. For more information, see
www.keysight.com/find/solution-padvt
– LTE/LTE-A multi-channel test, Reference Solu-
tion for faster insight into carrier aggregation and
spatial multiplexing designs. For more informa-
tion, see www.keysight.com/find/solution-LTE


Số phần tương tự - M9391A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
M9391A-012 KEYSIGHT-M9391A-012 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A-B04 KEYSIGHT-M9391A-B04 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
More results

Mô tả tương tự - M9391A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com