công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

J1011F01PNL bảng dữ liệu(PDF) 5 Page - Pulse A Technitrol Company

tên linh kiện J1011F01PNL
Giải thích chi tiết về linh kiện  integrated magnetics connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSE [Pulse A Technitrol Company]
Trang chủ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J1011F01PNL bảng dữ liệu(HTML) 5 Page - Pulse A Technitrol Company

  J1011F01PNL Datasheet HTML 1Page - Pulse A Technitrol Company J1011F01PNL Datasheet HTML 2Page - Pulse A Technitrol Company J1011F01PNL Datasheet HTML 3Page - Pulse A Technitrol Company J1011F01PNL Datasheet HTML 4Page - Pulse A Technitrol Company J1011F01PNL Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TD+ 2
CT 1
TD- 3
1 TX+
2 TX-
4
5
7
8
1CT : 1
TRANSMIT
NOTE: Connect CHS GND to PCB ground.
RD+ 4
CT 6
RD- 5
3 RX+
6 RX-
1CT : 1
TRANSMIT
JP Series Electrical Schematics
TD+ 2
CT 1
TD- 3
1 TX+
2 TX-
4
5
7
8
75
75
1CT : 1
TRANSMIT
75
75
RD+ 4
CT 6
RD- 5
3 RX+
6 RX-
1CT : 1
TRANSMIT
0.001 µF
SHIELD
JP006
PULSEJACKTM
1x1 Tab-UP RJ45
JP011
TD+ 2
CT 1
TD- 3
RD+ 4
CT 6
RD- 5
1 TX+
2 TX-
3 RX+
6 RX-
4
5
7
8
75
75
1CT : 1
TRANSMIT
1CT : 1
RECEIVE
75
75
NOTE: Connect CHS GND to PCB ground.
SHIELD
0.001 µF
JP026
www.pulseeng.com
Yellow
585 nm
2.5 V
2.1 - 2.2 V
Green
565 nm
2.5 V
2.1 - 2.2 V
Orange
610 nm
2.5 V
2.1 - 2.2 V
Standard LED
Wavelength
Forward* V (MAX)
(TYP)
* With a forward current of 20 mA
www.pulseeng.com
J402.D (6/06)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Road
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
TEL: 886 3 4641811
FAX: 886 3 4641911
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 85538070
FAX: 86 769 85538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Road
Shanghai 200233
China
TEL: 86 21 54643211/2
FAX: 86 21 54643210


Số phần tương tự - J1011F01PNL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pulse A Technitrol Comp...
J1011F01PNL PULSE-J1011F01PNL Datasheet
1Mb / 5P
   1x1 Tab-UP RJ45
More results

Mô tả tương tự - J1011F01PNL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pulse A Technitrol Comp...
J2039H3 PULSE-J2039H3 Datasheet
805Kb / 11P
   integrated magnetics connector
JK0-0004 PULSE-JK0-0004 Datasheet
213Kb / 4P
   integrated magnetics connector
J8064D628A PULSE-J8064D628A Datasheet
464Kb / 6P
   integrated magnetics connector
JK0-0020 PULSE-JK0-0020 Datasheet
165Kb / 3P
   integrated magnetics
JG0-0031 PULSE-JG0-0031 Datasheet
181Kb / 3P
   integrated magnetics
logo
Bothhand USA, LP.
DU6T201A1 BOTHHAND-DU6T201A1 Datasheet
381Kb / 4P
   10/100Base-T RJ45 2x6 Integrated Magnetics Connector
KLA4S109LF BOTHHAND-KLA4S109LF Datasheet
221Kb / 2P
   1000 BASE-T RJ45 1x4 INTEGRATED MAGNETICS CONNECTOR
DU1D201A1 BOTHHAND-DU1D201A1 Datasheet
407Kb / 5P
   10/100Base-T RJ45 2x1 Integrated Magnetics Connector
logo
Allied Components Inter...
AR24-4464I ALLIED-AR24-4464I Datasheet
1Mb / 2P
   2x4 RJ45 With Integrated Magnetics
AR1015-1221 ALLIED-AR1015-1221 Datasheet
466Kb / 2P
   Single Port RJ45 CONNECTOR WITH INTEGRATED MAGNETICS,TAB DOWN
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com