công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34167TG bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện MC34167TG
Giải thích chi tiết về linh kiện  5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34167TG bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button MC34167TG Datasheet HTML 7Page - ON Semiconductor MC34167TG Datasheet HTML 8Page - ON Semiconductor MC34167TG Datasheet HTML 9Page - ON Semiconductor MC34167TG Datasheet HTML 10Page - ON Semiconductor MC34167TG Datasheet HTML 11Page - ON Semiconductor MC34167TG Datasheet HTML 12Page - ON Semiconductor MC34167TG Datasheet HTML 13Page - ON Semiconductor MC34167TG Datasheet HTML 14Page - ON Semiconductor MC34167TG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MC34167, MC33167
http://onsemi.com
11
4
2
1
5
3
+
CF
RF
R1
1.5 k
CO
2200
VO
28 V/0.9 A
R2
EA
Reference
Thermal
Oscillator
S
R
Q
PWM
UVLO
ILIMIT
Vin
12 V
Cin
330
+
6.8 k
4.7 k
0.47
Q1
D1
1N5825
+
*Gate resistor RG, zener diode D3, and diode D4 are required only when Vin is greater than 20 V.
L
190
mH
*RG
620
D3
1N967A
D2
1N5822
Q2
MTP3055EL
D4
1N4148
+
+
Test
Conditions
Results
Line Regulation
Vin = 10 V to 24 V, IO = 0.9 A
10 mV =
± 0.017%
Load Regulation
Vin = 12 V, IO = 0.1 A to 0.9 A
30 mV =
± 0.053%
Output Ripple
Vin = 12 V, IO = 0.9 A
140 mVpp
Short Circuit Current
Vin = 12 V, RL = 0.1 W
6.0 A
Efficiency
Vin = 12 V, IO = 0.9 A
Vin = 24 V, IO = 0.9 A
80.1%
87.8%
L = Coilcraft M1496−A or General Magnetics Technology GMT−0223, 42 turns of #16 AWG on
Magnetics Inc. 58350−A2 core.
Heatsink = AAVID Engineering Inc.
MC34167: 5903B, or 5930B
MTP3055EL: 5925B
Figure 21 shows that the MC34167 can be configured as a step−up/down converter with the addition of an external power MOSFET. Energy
is stored in the inductor during the ON time of transistors Q1 and Q2. During the OFF time, the energy is transferred, with respect to ground,
to the output filter capacitor and load. This circuit configuration has two significant advantages over the basic step−up converter circuit. The first
advantage is that output short circuit protection is provided by the MC34167, since Q1 is directly in series with Vin and the load. Second, the
output voltage can be programmed to be less than Vin. Notice that during the OFF time, the inductor forward biases diodes D1 and D2, transferring
its energy with respect to ground rather than with respect to Vin. When operating with Vin greater than 20 V, a gate protection network is required
for the MOSFET. The network consists of components RG, D3, and D4.
Figure 21. Step−Up/Down Converter
(Top View)
Vin
VO
CF
RF
R1
+−
+
+
+
D3
D2
RG
(Bottom View)
Figure 22. Step−Up/Down Converter Printed Circuit Board and Component Layout
3.45


Số phần tương tự - MC34167TG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34167TG ONSEMI-MC34167TG Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
More results

Mô tả tương tự - MC34167TG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com