công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34166TH bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC34166TH
Giải thích chi tiết về linh kiện  3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34166TH bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC34166TH Datasheet HTML 1Page - ON Semiconductor MC34166TH Datasheet HTML 2Page - ON Semiconductor MC34166TH Datasheet HTML 3Page - ON Semiconductor MC34166TH Datasheet HTML 4Page - ON Semiconductor MC34166TH Datasheet HTML 5Page - ON Semiconductor MC34166TH Datasheet HTML 6Page - ON Semiconductor MC34166TH Datasheet HTML 7Page - ON Semiconductor MC34166TH Datasheet HTML 8Page - ON Semiconductor MC34166TH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MC34166, MC33166
http://onsemi.com
2
ORDERING INFORMATION
Device
Operating
Temperature Range
Package
Shipping
MC33166D2T
TA= −40° to +85°C
D2PAK − Surface Mount
50 Units/Rail
MC33166D2TG
D2PAK − Surface Mount
(Pb−Free)
MC33166D2TR4
D2PAK − Surface Mount
800 / Tape & Reel
MC33166D2TR4G
D2PAK − Surface Mount
(Pb−Free)
MC33166T
TO−220 − Straight Lead
50 Units/Rail
MC33166TG
TO−220 − Straight Lead
(Pb−Free)
MC33166TH
TO−220 − Horizontal Mount
MC33166THG
TO−220 − Horizontal Mount
(Pb−Free)
MC33166TV
TO−220 − Vertical Mount
MC33166TVG
TO−220 − Vertical Mount
(Pb−Free)
MC34166D2T
TA= 0° to +70°C
D2PAK − Surface Mount
MC34166D2TG
D2PAK − Surface Mount
(Pb−Free)
MC34166D2TR4
D2PAK − Surface Mount
800 / Tape & Reel
MC34166D2TR4G
D2PAK − Surface Mount
(Pb−Free)
MC34166T
TO−220 − Straight Lead
50 Units/Rail
MC34166TG
TO−220 − Straight Lead
(Pb−Free)
MC34166TH
TO−220 − Horizontal Mount
MC34166THG
TO−220 − Horizontal Mount
(Pb−Free)
MC34166TV
TO−220 − Vertical Mount
MC34166TVG
TO−220 − Vertical Mount
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Input Voltage
VCC
40
V
Switch Output Voltage Range
VO(switch)
−1.5 to + Vin
V
Voltage Feedback and Compensation Input Voltage Range
VFB, VComp
−1.0 to + 7.0
V
Power Dissipation
Case 314A, 314B and 314D (TA = +25°C)
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
qJA
65
°C/W
Thermal Resistance, Junction−to−Case
qJC
5.0
°C/W
Case 936A (D2PAK) (TA = +25°C)
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
qJA
70
°C/W
Thermal Resistance, Junction−to−Case
qJC
5.0
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 2)
MC34166
MC33166
TA
0 to + 70
− 40 to + 85
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.
2. Tlow = 0°C for MC34166
Thigh = + 70°C for MC34166
= − 40
°C for MC33166
= + 85
°C for MC33166


Số phần tương tự - MC34166TH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34166TH ONSEMI-MC34166TH Datasheet
403Kb / 20P
   POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
MC34166TH ONSEMI-MC34166TH Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166THG ONSEMI-MC34166THG Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
More results

Mô tả tương tự - MC34166TH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com