công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34166T bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện MC34166T
Giải thích chi tiết về linh kiện  3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34166T bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button MC34166T Datasheet HTML 7Page - ON Semiconductor MC34166T Datasheet HTML 8Page - ON Semiconductor MC34166T Datasheet HTML 9Page - ON Semiconductor MC34166T Datasheet HTML 10Page - ON Semiconductor MC34166T Datasheet HTML 11Page - ON Semiconductor MC34166T Datasheet HTML 12Page - ON Semiconductor MC34166T Datasheet HTML 13Page - ON Semiconductor MC34166T Datasheet HTML 14Page - ON Semiconductor MC34166T Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MC34166, MC33166
http://onsemi.com
11
4
2
1
5
3
+
CF
RF
R2
3.3 k
R1
EA
Reference
Thermal
Oscillator
S
R
Q
PWM
UVLO
ILIMIT
Vin
12 V
Cin
330
2.4 k
4.7 k
0.47
Q1
+
CO
2200
VO
−12 V/1.0 A
D1
1N5822
L
190
mH
C1
0.047
+
+
Test
Conditions
Results
Line Regulation
Vin = 8.0 V to 24 V, IO = 1.0 A
3.0 mV =
± 0.01%
Load Regulation
Vin = 12 V, IO = 0.1 A to 1.0 A
4.0 mV =
± 0.017%
Output Ripple
Vin = 12 V, IO = 1.0 A
80 mVpp
Short Circuit Current
Vin = 12 V, RL = 0.1 W
3.74 A
Efficiency
Vin = 12 V, IO = 1.0 A
81.2%
L = Coilcraft M1496−A or General Magnetics Technology GMT−0223, 42 turns of #16 AWG
on Magnetics Inc. 58350−A2 core. Heatsink = AAVID Engineering Inc. 5903B, or 5930B.
Two potential problems arise when designing the standard voltage−inverting converter with the MC34166. First, the Switch Output emitter is
limited to −1.5 V with respect to the ground pin and second, the Error Amplifier’s noninverting input is internally committed to the reference and
is not pinned out. Both of these problems are resolved by connecting the IC ground pin to the converter’s negative output as shown in Figure 23.
This keeps the emitter of Q1 positive with respect to the ground pin and has the effect of reversing the Error Amplifier inputs. Note that the voltage
drop across R1 is equal to 5.05 V when the output is in regulation.
Figure 23. Voltage−Inverting Converter
+
+
+
+
+
+
+
+
+
+
+
+
Figure 24. Voltage−Inverting Converter Printed Circuit Board and Component Layout
(Bottom View)
(Top View)
3.0
Vin
VO
CF
RF
+−
+
+
+


Số phần tương tự - MC34166T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34166T ONSEMI-MC34166T Datasheet
403Kb / 20P
   POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
MC34166T ONSEMI-MC34166T Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166TG ONSEMI-MC34166TG Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166TH ONSEMI-MC34166TH Datasheet
403Kb / 20P
   POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
MC34166TH ONSEMI-MC34166TH Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
More results

Mô tả tương tự - MC34166T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com