công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC7905CD2T bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC7905CD2T
Giải thích chi tiết về linh kiện  1.0 A Negative Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7905CD2T bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC7905CD2T Datasheet HTML 6Page - ON Semiconductor MC7905CD2T Datasheet HTML 7Page - ON Semiconductor MC7905CD2T Datasheet HTML 8Page - ON Semiconductor MC7905CD2T Datasheet HTML 9Page - ON Semiconductor MC7905CD2T Datasheet HTML 10Page - ON Semiconductor MC7905CD2T Datasheet HTML 11Page - ON Semiconductor MC7905CD2T Datasheet HTML 12Page - ON Semiconductor MC7905CD2T Datasheet HTML 13Page - ON Semiconductor MC7905CD2T Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC7900 Series
http://onsemi.com
10
Protection Diodes
When external capacitors are used with MC7900 series
regulator it is sometimes necessary to add protection diodes
to prevent the capacitors from discharging through low
current points into the regulator or from output polarity
reversals
. Generally, no protection diode is required for
values of output capacitance less then 10
mF. Figure 11 shows
the MC7915 with the recommended protection diodes.
Opposite Polarity Protection
Diode D1 protects the regulator from output polarity
reversals during startup, power off and short-circuit
operation.
Reverse-bias Protection
Diode D2 prevents output capacitor from discharging thru
the MC7915 during an input short circuit or fast switch off
of power supply.
Figure 11. Protection Diodes
Gnd
Gnd
+
-20 V
Input
-15 V
Output
MC7915
+
1.0
mF
1.0
mF
MBRS140
or Equiv
D1
MBRS140
or Equiv
D2
DEFINITIONS
Line Regulation − The change in output voltage for a
change in the input voltage. The measurement is made under
conditions of low dissipation or by using pulse techniques
such that the average chip temperature is not significantly
affected.
Load Regulation − The change in output voltage for a
change in load current at constant chip temperature.
Maximum Power Dissipation − The maximum total
device dissipation for which the regulator will operate
within specifications.
Input Bias Current − That part of the input current that
is not delivered to the load.
Output Noise Voltage − The rms AC voltage at the
output, with constant load and no input ripple, measured
over a specified frequency range.
Long Term Stability − Output voltage stability under
accelerated life test conditions with the maximum rated
voltage listed in the devices’ electrical characteristics and
maximum power dissipation.
Figure 12. D2PAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
PD(max) for TA = +50°C
30
40
50
60
70
80
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
Minimum
Size Pad
2.0 oz. Copper
L
L
Free Air
Mounted
Vertically
RqJA
1.0
1.5
2.0
2.5
3.0
3.5


Số phần tương tự - MC7905CD2T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC7905CD2T ONSEMI-MC7905CD2T Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
logo
Motorola, Inc
MC7905CD2T MOTOROLA-MC7905CD2T Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7905CD2T ONSEMI-MC7905CD2T Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7905CD2T ONSEMI-MC7905CD2T Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7905CD2TG ONSEMI-MC7905CD2TG Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
More results

Mô tả tương tự - MC7905CD2T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC7900 ONSEMI-MC7900_05 Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7900 ONSEMI-MC7900_06 Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7900 ONSEMI-MC7900 Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7900 ONSEMI-MC7900_V01 Datasheet
300Kb / 15P
   Negative Voltage Regulators 1.0 A
October, 2021 - Rev. 21
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com