công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34167 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC34167
Giải thích chi tiết về linh kiện  5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34167 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC34167_10 Datasheet HTML 3Page - ON Semiconductor MC34167_10 Datasheet HTML 4Page - ON Semiconductor MC34167_10 Datasheet HTML 5Page - ON Semiconductor MC34167_10 Datasheet HTML 6Page - ON Semiconductor MC34167_10 Datasheet HTML 7Page - ON Semiconductor MC34167_10 Datasheet HTML 8Page - ON Semiconductor MC34167_10 Datasheet HTML 9Page - ON Semiconductor MC34167_10 Datasheet HTML 10Page - ON Semiconductor MC34167_10 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MC34167, MC33167
http://onsemi.com
7
INTRODUCTION
The MC34167, MC33167 series are monolithic power
switching regulators that are optimized for dc−to−dc
converter applications. These devices operate as fixed
frequency, voltage mode regulators containing all the active
functions required to directly implement step−down and
voltage−inverting converters with a minimum number of
external components. They can also be used cost effectively
in step−up converter applications. Potential markets include
automotive,
computer,
industrial,
and
cost
sensitive
consumer products. A description of each section of the
device is given below with the representative block diagram
shown in Figure 14.
Oscillator
The oscillator frequency is internally programmed to
72 kHz by capacitor CT and a trimmed current source. The
charge to discharge ratio is controlled to yield a 95%
maximum duty cycle at the Switch Output. During the
discharge of CT, the oscillator generates an internal blanking
pulse that holds the inverting input of the AND gate high,
disabling the output switch transistor. The nominal
oscillator peak and valley thresholds are 4.1 V and 2.3 V
respectively.
Pulse Width Modulator
The Pulse Width Modulator consists of a comparator with
the oscillator ramp voltage applied to the noninverting input,
while the error amplifier output is applied into the inverting
input. Output switch conduction is initiated when CT is
discharged to the oscillator valley voltage. As CT charges to
a voltage that exceeds the error amplifier output, the latch
resets, terminating output transistor conduction for the
duration of the oscillator ramp−up period. This PWM/Latch
combination prevents multiple output pulses during a given
oscillator clock cycle. Figures 7 and 15 illustrate the switch
output duty cycle versus the compensation voltage.
Current Sense
The MC34167 series utilizes cycle−by−cycle current
limiting as a means of protecting the output switch transistor
from overstress. Each on cycle is treated as a separate
situation. Current limiting is implemented by monitoring the
output switch transistor current buildup during conduction,
and upon sensing an overcurrent condition, immediately
turning off the switch for the duration of the oscillator
ramp−up period.
The collector current is converted to a voltage by an
internal trimmed resistor and compared against a reference
by the Current Sense comparator. When the current limit
threshold is reached, the comparator resets the PWM latch.
The current limit threshold is typically set at 6.5 A.
Figure 10 illustrates switch output current limit threshold
versus temperature.
Error Amplifier and Reference
A high gain Error Amplifier is provided with access to the
inverting input and output. This amplifier features a typical
dc voltage gain of 80 dB, and a unity gain bandwidth of
600 kHz with 70 degrees of phase margin (Figure 4). The
noninverting input is biased to the internal 5.05 V reference
and is not pinned out. The reference has an accuracy of
± 2.0% at room temperature. To provide 5.0 V at the load,
the reference is programmed 50 mV above 5.0 V to
compensate for a 1.0% voltage drop in the cable and
connector from the converter output. If the converter design
requires an output voltage greater than 5.05 V, resistor R1
must be added to form a divider network at the feedback
input as shown in Figures 14 and 19. The equation for
determining the output voltage with the divider network is:
Vout + 5.05
R2
R1
) 1
External loop compensation is required for converter
stability. A simple low−pass filter is formed by connecting
a resistor (R2) from the regulated output to the inverting
input, and a series resistor−capacitor (RF, CF) between Pins
1 and 5. The compensation network component values
shown in each of the applications circuits were selected to
provide stability over the tested operating conditions. The
step−down converter (Figure 19) is the easiest to
compensate for stability. The step−up (Figure 21) and
voltage−inverting (Figure 23) configurations operate as
continuous conduction flyback converters, and are more
difficult to compensate. The simplest way to optimize the
compensation network is to observe the response of the
output voltage to a step load change, while adjusting RF and
CF for critical damping. The final circuit should be verified
for stability under four boundary conditions. These
conditions are minimum and maximum input voltages, with
minimum and maximum loads.
By clamping the voltage on the error amplifier output
(Pin 5) to less than 150 mV, the internal circuitry will be
placed into a low power standby mode, reducing the
power supply current to 36
mA with a 12 V supply voltage.
Figure 11 illustrates the standby supply current versus
supply voltage.
The Error Amplifier output has a 100
mA current source
pull−up that can be used to implement soft−start. Figure 18
shows the current source charging capacitor CSS through a
series diode. The diode disconnects CSS from the feedback
loop when the 1.0 M resistor charges it above the operating
range of Pin 5.


Số phần tương tự - MC34167_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34167D2T ONSEMI-MC34167D2T Datasheet
408Kb / 16P
   POWER SWITCHING REGULATORS
1996 REV 3
MC34167D2T ONSEMI-MC34167D2T Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167D2TG ONSEMI-MC34167D2TG Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167D2TR4 ONSEMI-MC34167D2TR4 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167D2TR4G ONSEMI-MC34167D2TR4G Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
More results

Mô tả tương tự - MC34167_10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com