công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33363BDWR2G bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC33363BDWR2G
Giải thích chi tiết về linh kiện  High Voltage Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33363BDWR2G bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC33363BDWR2G Datasheet HTML 1Page - ON Semiconductor MC33363BDWR2G Datasheet HTML 2Page - ON Semiconductor MC33363BDWR2G Datasheet HTML 3Page - ON Semiconductor MC33363BDWR2G Datasheet HTML 4Page - ON Semiconductor MC33363BDWR2G Datasheet HTML 5Page - ON Semiconductor MC33363BDWR2G Datasheet HTML 6Page - ON Semiconductor MC33363BDWR2G Datasheet HTML 7Page - ON Semiconductor MC33363BDWR2G Datasheet HTML 8Page - ON Semiconductor MC33363BDWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MC33363B
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 20 V, RT = 10 k, CT = 390 pF, CPin 8 = 1.0 mF, for typical values TJ = 25°C,
for min/max values TJ is the operating junction temperature range that applies (Note 4), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OVERVOLTAGE DETECTION (Pin 11)
Input Threshold Voltage
Vth
2.47
2.6
2.73
V
Input Bias Current (Vin = 2.6 V, TJ = −25 − 125°C)
IIB
100
500
nA
PWM COMPARATOR (Pins 7, 9)
Duty Cycle
Maximum (VFB = 0 V)
Minimum (VFB = 2.7 V)
DC(max)
DC(min)
48
50
0
52
0
%
POWER SWITCH (Pin 16)
Drain−Source On−State Resistance (ID = 200 mA)
TJ = 25°C
TJ = Tlow to Thigh
RDS(on)
15
17
39
W
Drain−Source Off−State Leakage Current (VDS = 650 V)
TJ = 25°C
TJ = Tlow to Thigh
ID(off)
0.25
1.0
50
mA
Rise Time
tr
50
ns
Fall Time
tf
50
ns
OVERCURRENT COMPARATOR (Pin 16)
Current Limit Threshold (RT = 10 k)
Ilim
0.5
0.72
0.9
A
STARTUP CONTROL (Pin 1)
Peak Startup Current (Vin = 50 V) (TJ = −25 − 100°C)
VCC = 0 V
VCC = (Vth(on) − 0.2 V)
Istart
2.0
2.0
5.0
5.0
8.0
8.0
mA
Off−State Leakage Current (Vin = 50 V, VCC = 20 V)
ID(off)
40
200
mA
UNDERVOLTAGE LOCKOUT (Pin 3)
Startup Threshold (VCC Increasing)
Vth(on)
11
15.2
18
V
Minimum Operating Voltage After Turn−On
VCC(min)
7.5
9.5
11.5
V
TOTAL DEVICE (Pin 3)
Power Supply Current
Startup (VCC = 10 V, Pin 1 Open)
Operating
ICC
0.25
3.2
0.5
5.0
mA
THERMAL SHUTDOWN
Shutdown (Junction Temperature Increasing)
Hysteresis (Junction Temperature Decreasing)
Tsd
TH
135
30
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Tested junction temperature range for the MC33363B: Tlow = −25°CThigh = +125°C


Số phần tương tự - MC33363BDWR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363BDWR2G ONSEMI-MC33363BDWR2G Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
More results

Mô tả tương tự - MC33363BDWR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
   High Voltage Switching Regulator
July, 2006??Rev. 4
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33362 ONSEMI-MC33362_06 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33363A ONSEMI-MC33363A_05 Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363B ONSEMI-MC33363B_05 Datasheet
187Kb / 11P
   High Voltage Switching Regulator
November, 2005 ??Rev. 6
MC33363 ONSEMI-MC33363_06 Datasheet
489Kb / 14P
   High Voltage Switching Regulator
July, 2006 ??Rev. 7
MC33363A ONSEMI-MC33363A_15 Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com