công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC7905ACD2TG bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC7905ACD2TG bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 16 page MC7900 Series http://onsemi.com 2 MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.) Rating Symbol Value Unit Input Voltage (−5.0 V ≥ VO ≥ −18 V) Input Voltage (24 V) VI −35 −40 Vdc Power Dissipation Case 221A TA = +25°C PD Internally Limited W Thermal Resistance, Junction−to−Ambient qJA 65 °C/W Thermal Resistance, Junction−to−Case qJC 5.0 °C/W Case 936 (D2PAK) TA = +25°C PD Internally Limited W Thermal Resistance, Junction−to−Ambient qJA 70 °C/W Thermal Resistance, Junction−to−Case qJC 5.0 °C/W Storage Junction Temperature Range Tstg −65 to +150 °C Junction Temperature TJ +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. *This device series contains ESD protection and exceeds the following tests: Human Body Model 2000 V per MIL_STD_883, Method 3015 Machine Model Method 200 V MC7905B, MC7905C ELECTRICAL CHARACTERISTICS (VI = −10 V, IO = 500 mA, Tlow* < TJ < +125°C, unless otherwise noted.) Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = +25°C) VO −4.8 −5.0 −5.2 Vdc Line Regulation (Note 1) (TJ = +25°C, IO = 100 mA) −7.0 Vdc ≥ VI ≥ −25 Vdc −8.0 Vdc ≥ VI ≥ −12 Vdc (TJ = +25°C, IO = 500 mA) −7.0 Vdc ≥ VI ≥ −25 Vdc −8.0 Vdc ≥ VI ≥ −12 Vdc Regline − − − − 7.0 2.0 35 8.0 50 25 100 50 mV Load Regulation, TJ = +25°C (Note 1) 5.0 mA ≤ IO ≤ 1.5 A 250 mA ≤ IO ≤ 750 mA Regload − − 11 4.0 100 50 mV Output Voltage −7.0 Vdc ≥ VI ≥ −20 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, P ≤ 15 W VO −4.75 − −5.25 Vdc Input Bias Current (TJ = +25°C) IIB − 4.3 8.0 mA Input Bias Current Change −7.0 Vdc ≥ VI ≥ −25 Vdc 5.0 mA ≤ IO ≤ 1.5 A DIIB − − − − 1.3 0.5 mA Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 40 − mV Ripple Rejection (IO = 20 mA, f = 120 Hz) RR − 70 − dB Dropout Voltage IO = 1.0 A, TJ = +25°C VI−VO − 1.3 − Vdc Average Temperature Coefficient of Output Voltage IO = 5.0 mA, Tlow* ≤ TJ ≤ +125°C DVO/DT − −1.0 − mV/°C 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. *Tlow = −40°C for MC7905B and Tlow = 0°C for MC7905C. |
Số phần tương tự - MC7905ACD2TG |
|
Mô tả tương tự - MC7905ACD2TG |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |