công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC7900 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC7900
Giải thích chi tiết về linh kiện  1.0 A Negative Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7900 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC7900_13 Datasheet HTML 3Page - ON Semiconductor MC7900_13 Datasheet HTML 4Page - ON Semiconductor MC7900_13 Datasheet HTML 5Page - ON Semiconductor MC7900_13 Datasheet HTML 6Page - ON Semiconductor MC7900_13 Datasheet HTML 7Page - ON Semiconductor MC7900_13 Datasheet HTML 8Page - ON Semiconductor MC7900_13 Datasheet HTML 9Page - ON Semiconductor MC7900_13 Datasheet HTML 10Page - ON Semiconductor MC7900_13 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC7900 Series
http://onsemi.com
7
MC7918C
ELECTRICAL CHARACTERISTICS (VI = −27 V, IO = 500 mA, 0°C < TJ < +125°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
−17.3
−18
−18.7
Vdc
Line Regulation (Note 6)
(TJ = +25°C, IO = 100 mA)
−21 Vdc ≥ VI ≥ −33 Vdc
−24 Vdc ≥ VI ≥ −30 Vdc
(TJ = +25°C, IO = 500 mA)
−21 Vdc ≥ VI ≥ −33 Vdc
−24 Vdc ≥ VI ≥ −30 Vdc
Regline
25
10
90
50
180
90
360
180
mV
Load Regulation, TJ = +25°C (Note 6)
5.0 mA ≤ IO ≤ 1.5 A
250 mA ≤ IO ≤ 750 mA
Regload
110
55
360
180
mV
Output Voltage
−21 Vdc ≥ VI ≥ −33 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, P ≤ 15 W
VO
−17.1
−18.9
Vdc
Input Bias Current (TJ = +25°C)
IIB
4.5
8.0
mA
Input Bias Current Change
−21 Vdc ≥ VI ≥ −33 Vdc
5.0 mA ≤ IO ≤ 1.5 A
DIIB
1.0
0.5
mA
Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
110
mV
Ripple Rejection (IO = 20 mA, f = 120 Hz)
RR
59
dB
Dropout Voltage (IO = 1.0 A, TJ = +25°C)
VI−VO
1.3
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA, 0°C ≤ TJ ≤ +125°C
DVO/DT
−1.0
mV/°C
MC7924B, MC7924C
ELECTRICAL CHARACTERISTICS (VI = −33 V, IO = 500 mA, Tlow* < TJ < +125°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
−23
−24
−25
Vdc
Line Regulation (Note 6)
(TJ = +25°C, IO = 100 mA)
−27 Vdc ≥ VI ≥ −38 Vdc
−30 Vdc ≥ VI ≥ −36 Vdc
(TJ = +25°C, IO = 500 mA)
−27 Vdc ≥ VI ≥ −38 Vdc
−30 Vdc ≥ VI ≥ −36 Vdc
Regline
31
14
118
70
240
120
470
240
mV
Load Regulation, TJ = +25°C (Note 6)
5.0 mA ≤ IO ≤ 1.5 A
250 mA ≤ IO ≤ 750 mA
Regload
150
85
480
240
mV
Output Voltage
−27 Vdc ≥ VI ≥ −38 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, P ≤ 15 W
VO
−22.8
−25.2
Vdc
Input Bias Current (TJ = +25°C)
IIB
4.6
8.0
mA
Input Bias Current Change
−27 Vdc ≥ VI ≥ −38 Vdc
5.0 mA ≤ IO ≤ 1.5 A
DIIB
1.0
0.5
mA
Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
170
mV
Ripple Rejection (IO = 20 mA, f = 120 Hz)
RR
56
dB
Dropout Voltage (IO = 1.0 A, TJ = +25°C)
VI−VO
1.3
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA, Tlow* ≤ TJ ≤ +125°C
DVO/DT
−1.0
mV/°C
6. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
*Tlow = −40°C for MC7924B and Tlow = 0°C for MC7924C.


Số phần tương tự - MC7900_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC7900 ONSEMI-MC7900_05 Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7900 ONSEMI-MC7900_06 Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7900 ONSEMI-MC7900_V01 Datasheet
300Kb / 15P
   Negative Voltage Regulators 1.0 A
October, 2021 - Rev. 21
More results

Mô tả tương tự - MC7900_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC7900 ONSEMI-MC7900_05 Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7900 ONSEMI-MC7900_06 Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7900 ONSEMI-MC7900 Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7900 ONSEMI-MC7900_V01 Datasheet
300Kb / 15P
   Negative Voltage Regulators 1.0 A
October, 2021 - Rev. 21
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com