công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC78M15ACDTG bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC78M15ACDTG
Giải thích chi tiết về linh kiện  500 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M15ACDTG bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC78M15ACDTG Datasheet HTML 1Page - ON Semiconductor MC78M15ACDTG Datasheet HTML 2Page - ON Semiconductor MC78M15ACDTG Datasheet HTML 3Page - ON Semiconductor MC78M15ACDTG Datasheet HTML 4Page - ON Semiconductor MC78M15ACDTG Datasheet HTML 5Page - ON Semiconductor MC78M15ACDTG Datasheet HTML 6Page - ON Semiconductor MC78M15ACDTG Datasheet HTML 7Page - ON Semiconductor MC78M15ACDTG Datasheet HTML 8Page - ON Semiconductor MC78M15ACDTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MC78M00, MC78M00A, NCV78M00 Series
www.onsemi.com
4
MC78M09C/B, NCV78M09B ELECTRICAL CHARACTERISTICS
(VI = 15 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5.0 W, unless otherwise noted) (Note 4)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
8.64
9.0
9.45
Vdc
Output Voltage Variation (11.5 Vdc
≤ VI ≤ 23 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
VO
8.55
9.45
Vdc
Line Regulation (TJ = 25°C, 11.5 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA)
Regline
6.0
50
mV
Load Regulation
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
Regload
25
10
180
90
mV
Input Bias Current (TJ = 25°C)
IIB
3.2
6.0
mA
Quiescent Current Change
(11.5 Vdc
≤ VI ≤ 25 Vdc, IO = 200 mA)
(5.0 mA
≤ IO ≤ 350 mA)
DIIB
0.8
0.5
mA
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
52
mV
Ripple Rejection
(IO = 100 mA, f = 120 Hz, 12.5 V ≤VI ≤ 22.5 V)
(IO = 300 mA, f = 120 Hz, 12.5 V ≤VI ≤ 22.5 V, TJ = 25°C)
RR
56
56
80
dB
Dropout Voltage (TJ = 25°C)
VI−VO
2.0
Vdc
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
350
mA
Average Temperature Coefficient of Output Voltage (IO = 5.0 mA)
DVO/DT
±0.2
mV/
°C
Peak Output Current (TJ = 25°C)
IO
700
mA
MC78M12C/AC/B/AB, NCV78M12B ELECTRICAL CHARACTERISTICS
(VI = 19 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5 W, unless otherwise noted) (Note 4)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
MC78M12B/MC78M12C/NCV78M12B
MC78M12AB/MC78M12AC
VO
11.50
11.76
12
12
12.50
12.24
Vdc
Output Voltage Variation (14.5 Vdc
≤ VI ≤ 27 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
MC78M12B/MC78M12C/NCV78M12B
MC78M12AB/MC78M12AC
VO
11.4
11.5
12.6
12.5
Vdc
Line Regulation (TJ = 25°C, 14.5 Vdc ≤ VI ≤ 30 Vdc, IO = 200 mA)
Regline
8.0
50
mV
Load Regulation
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
Regload
25
10
240
120
mV
Input Bias Current (TJ = 25°C)
IIB
3.2
6.0
mA
Quiescent Current Change
(14.5 Vdc
≤ VI ≤ 30 Vdc, IO = 200 mA)
(5.0 mA
≤ IO ≤ 350 mA)
DIIB
0.8
0.5
mA
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
75
mV
Ripple Rejection
(IO = 100 mA, f = 120 Hz, 15 V ≤VI ≤ 25 V)
(IO = 300 mA, f = 120 Hz, 15 V ≤VI ≤ 25 V, TJ = 25°C)
RR
55
55
80
dB
Dropout Voltage (TJ = 25°C)
VI−VO
2.0
Vdc
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
350
mA
Average Temperature Coefficient of Output Voltage (IO = 5.0 mA)
DVO/DT
±0.3
mV/
°C
Peak Output Current (TJ = 25°C)
IO
700
mA
4. Tlow =0°C for MC78MxxAC, C
= −40
°C for MC78MxxAB, B, NCV78MxxAB, B
Thigh = +125°C for MC78MxxAB, AC, B, C, NCV78MxxAB, B


Số phần tương tự - MC78M15ACDTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC78M15ACDTG ONSEMI-MC78M15ACDTG Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M15ACDTG ONSEMI-MC78M15ACDTG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results

Mô tả tương tự - MC78M15ACDTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com