công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC78M15CDTT5G bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện MC78M15CDTT5G
Giải thích chi tiết về linh kiện  500 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M15CDTT5G bảng dữ liệu(HTML) 6 Page - ON Semiconductor

Back Button MC78M15CDTT5G Datasheet HTML 2Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 3Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 4Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 5Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 6Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 7Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 8Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 9Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MC78M00, MC78M00A, NCV78M00 Series
www.onsemi.com
6
MC78M20C/B ELECTRICAL CHARACTERISTICS
(VI = 29 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5.0 W, unless otherwise noted) (Note 6)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
19.2
20
20.8
Vdc
Output Voltage Variation (23 Vdc
≤ VI ≤ 35 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
VO
19
21
Vdc
Line Regulation (TJ = 25°C, 23 Vdc ≤ VI ≤ 35 Vdc, IO = 200 mA)
Regline
10
50
mV
Load Regulation
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
Regload
30
10
400
200
mV
Input Bias Current (TJ = 25°C)
IIB
3.2
6.5
mA
Quiescent Current Change
(23 Vdc
≤ VI ≤ 35 Vdc, IO = 200 mA)
(5.0 mA
≤ IO ≤ 350 mA)
DIIB
0.8
0.5
mA
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
110
mV
Ripple Rejection
(IO = 100 mA, f = 120 Hz, 24 V ≤ VI ≤ 34 V)
(IO = 300 mA, f = 120 Hz, 24 V ≤ VI ≤ 34 V, TJ = 25°C)
RR
52
52
70
dB
Dropout Voltage (TJ = 25°C)
VI−VO
2.0
Vdc
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
350
mA
Average Temperature Coefficient of Output Voltage (IO = 5.0 mA)
DVO/DT
±0.5
mV/
°C
Peak Output Current (TJ = 25°C)
IO
700
mA
MC78M24C/B ELECTRICAL CHARACTERISTICS
(VI = 33 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5.0 W, unless otherwise noted) (Note 6)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
23
24
25
Vdc
Output Voltage Variation (27 Vdc
≤ VI ≤ 38 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
VO
22.8
25.2
Vdc
Line Regulation (TJ = 25°C, 27 Vdc ≤ VI ≤ 38 Vdc, IO = 200 mA)
Regline
10
50
mV
Load Regulation
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
Regload
30
10
480
240
mV
Input Bias Current (TJ = 25°C)
IIB
3.2
7.0
mA
Quiescent Current Change
(27 Vdc
≤ VI ≤ 38 Vdc, IO = 200 mA)
(5.0 mA
≤ IO ≤ 350 mA)
DIIB
0.8
0.5
mA
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
170
mV
Ripple Rejection
(IO = 100 mA, f = 120 Hz, 28 V ≤ VI ≤ 38 V)
(IO = 300 mA, f = 120 Hz, 28 V ≤ VI ≤ 38 V, TJ = 25°C)
RR
50
50
70
dB
Dropout Voltage (TJ = 25°C)
VI−VO
2.0
Vdc
Short Circuit Current Limit (TJ = 25°C)
IOS
350
mA
Average Temperature Coefficient of Output Voltage (IO = 5.0 mA)
DVO/DT
±0.5
mV/
°C
Peak Output Current (TJ = 25°C)
IO
700
mA
6. Tlow =0°C for MC78MxxAC, C
= −40
°C for MC78MxxAB, B
Thigh = +125°C for MC78MxxAB, AC, B, C


Số phần tương tự - MC78M15CDTT5G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC78M15CDTT5G ONSEMI-MC78M15CDTT5G Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results

Mô tả tương tự - MC78M15CDTT5G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com