công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UF1000FCT bảng dữ liệu(PDF) 1 Page - PACELEADER INDUSTRIAL

tên linh kiện UF1000FCT
Giải thích chi tiết về linh kiện  SURFACE MOUNT REVERSE VOLTAGE 50 TO 8800 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PACELEADER [PACELEADER INDUSTRIAL]
Trang chủ  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

UF1000FCT bảng dữ liệu(HTML) 1 Page - PACELEADER INDUSTRIAL

  UF1000FCT Datasheet HTML 1Page - PACELEADER INDUSTRIAL UF1000FCT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SUPERFAST RECOVERY RECTIFIER
SUPERFAST RECOVERY RECTIFIER
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
FEATURES
MECHANICAL DATA
Case
ITO220AB Full Molded plastic
Marking: Type Number
MIL-STD-202, Method 208 guranteed
Polarity See Diagram
Mounting Position Any
Weight 2.24gram(approx)
Glass Passivated Die Construction
Ultra-Fast Switching
High reliability Capability
Low Reverse Leakage Current
High Surge Current Capability
Plastic Material has UL Flammability
Classification 94V-O
ITO-220AB
www.paceleader.tw
UF1000FCT thru UF1008FCT
10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
SURFACE MOUNT REVERSE VOLTAGE
TS
SURFACE MOUNT REVERSE VOLTAGE
50 TO 800 VOL TS
800 VOL
50 TO 8
8
Terminals : Plated Leads Solderable per
@TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
UF
1000FCT
UF
1001FCT
UF
1002FCT
UF
1003FCT
UF
1004FCT
UF
1006FCT
UF
1008FCT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
V
Average Rectified Output Current
@TC = 100°C
IO
10
A
Non-Repetitive Peak Forward Surge
Current 8.3ms Single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
125
A
Forward Voltage
@IF = 5.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
10
400
µA
Reverse Recovery Time (Note 1)
trr
50
100
nS
Typical Junction Capacitance (Note 2)
Cj
80
50
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.


Số phần tương tự - UF1000FCT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Won-Top Electronics
UF1000FCT WTE-UF1000FCT Datasheet
46Kb / 3P
   10A ISOLATION ULTRAFAST GLASS PASSIVATED RECTIFIER
UF1000FCT WTE-UF1000FCT Datasheet
50Kb / 4P
   10A GLASS PASSIVATED DUAL ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF1000FCT PANJIT-UF1000FCT Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF1000FCT PANJIT-UF1000FCT Datasheet
96Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Yea Shin Technology Co....
UF1000FCT YEASHIN-UF1000FCT Datasheet
40Kb / 2P
   ISOLATION UL TRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
More results

Mô tả tương tự - UF1000FCT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PACELEADER INDUSTRIAL
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AB PACELEADER-US3AB Datasheet
156Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AC PACELEADER-US3AC Datasheet
147Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1A PACELEADER-US1A Datasheet
129Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Yea Shin Technology Co....
UF1AS YEASHIN-UF1AS Datasheet
48Kb / 3P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US2A YEASHIN-US2A Datasheet
192Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
U2A YEASHIN-U2A Datasheet
134Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF1A YEASHIN-UF1A Datasheet
38Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
logo
PACELEADER INDUSTRIAL
US2AA PACELEADER-US2AA Datasheet
158Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com