công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM20P15-160D bảng dữ liệu(PDF) 2 Page - Analog Power

tên linh kiện AM20P15-160D
Giải thích chi tiết về linh kiện  P-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGPOWER [Analog Power]
Trang chủ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM20P15-160D bảng dữ liệu(HTML) 2 Page - Analog Power

  AM20P15-160D Datasheet HTML 1Page - Analog Power AM20P15-160D Datasheet HTML 2Page - Analog Power AM20P15-160D Datasheet HTML 3Page - Analog Power AM20P15-160D Datasheet HTML 4Page - Analog Power AM20P15-160D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM20P15-160D
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = -120 V, VGS = 0 V
-1
VDS = -120 V, VGS = 0 V, TJ = 55°C
-25
On-State Drain Current
a
ID(on)
VDS = -5 V, VGS = -10 V
-20
A
VGS = -10 V, ID = -11.6 A
160
VGS = -5.5 V, ID = -9.3 A
173
Forward Transconductance
a
gfs
VDS = -15 V, ID = -11.6 A
36
S
Diode Forward Voltage
a
VSD
IS = -25 A, VGS = 0 V
-0.89
V
Total Gate Charge
Qg
73
Gate-Source Charge
Qgs
29
Gate-Drain Charge
Qgd
34
Turn-On Delay Time
td(on)
18
Rise Time
tr
31
Turn-Off Delay Time
td(off)
122
Fall Time
tf
63
Input Capacitance
Ciss
7944
Output Capacitance
Coss
290
Reverse Transfer Capacitance
Crss
262
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Dynamic
b
ns
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
rDS(on)
nC
VDS = -75 V, RL = 6.5 Ω,
ID = -11.6 A,
VGEN = -10 V, RGEN = 6 Ω
VDS = -75 V, VGS = -5.5 V,
ID = -11.6 A
Drain-Source On-Resistance
a
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
VDS = -15 V, VGS = 0 V, f = 1 Mhz
© Preliminary
2
Publication Order Number:
DS_AM20P15-160D_1A


Số phần tương tự - AM20P15-160D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Power
AM20P15-295D ANALOGPOWER-AM20P15-295D Datasheet
404Kb / 5P
   P-Channel 150-V (D-S) MOSFET
More results

Mô tả tương tự - AM20P15-160D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 16-Jul-07
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
logo
Analog Power
AM90P15-30P ANALOGPOWER-AM90P15-30P Datasheet
339Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-May-09
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com