công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJW25 bảng dữ liệu(PDF) 7 Page - Minmax Technology Co., Ltd.

tên linh kiện MJW25
Giải thích chi tiết về linh kiện  DC/DC CONVERTER 25W, Highest Power Density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINMAX [Minmax Technology Co., Ltd.]
Trang chủ  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJW25 bảng dữ liệu(HTML) 7 Page - Minmax Technology Co., Ltd.

Back Button MJW25_15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJW25_15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJW25_15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJW25_15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJW25_15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJW25_15 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJW25_15 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJW25_15 Datasheet HTML 9Page - Minmax Technology Co., Ltd. MJW25_15 Datasheet HTML 10Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MJW25 SERIES
DC/DC CONVERTER 25W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/06/16 REV:5
Page 7 of 10
®
Efficiency Curve @25℃
MJW25-48D12 Efficiency vs Load Current
MJW25-48D15 Efficiency vs Load Current
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage, rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
Ripple & Noise measurement with a 1μF MLCC and a 10μF Tantalum Capacitor.
4
We recommend to protect the converter by a slow blow fuse in the input supply line.
5
Other input and output voltage may be available, please contact factory.
6
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required.Suggested capacitor : 220μF/100V.
7
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
8
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Common
5
-Vout
-Vout
6
Remote On/Off
Remote On/Off
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 1.0 ±0.05 (0.04±0.002)
Physical Characteristics
Case Size
:
25.4x25.4x10.16mm (1.0x1.0x0.4 inches)
Case Material
:
Aluminium Alloy, Black Anodized Coating
Base Material
:
FR4 PCB (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
16.5g
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
36V
48V
75V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
36V
48V
75V
5.08
[0.20]
25.4 [1.00]
10.16
[0.40]
10.16
[0.40]
6.0
[0.24]
7.62
[0.30]
1
2
6
3
4
5
2.54
[0.10]
Bottom View
10.16 0.5
[0.40 0.02]


Số phần tương tự - MJW25_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Minmax Technology Co., ...
MJW25-12D12 MINMAX-MJW25-12D12 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
logo
Total Power Internation...
MJW25-12D12 TOTAL-POWER-MJW25-12D12 Datasheet
539Kb / 10P
   Highest Power Density
logo
Minmax Technology Co., ...
MJW25-12D15 MINMAX-MJW25-12D15 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
logo
Total Power Internation...
MJW25-12D15 TOTAL-POWER-MJW25-12D15 Datasheet
539Kb / 10P
   Highest Power Density
logo
Minmax Technology Co., ...
MJW25-12S033 MINMAX-MJW25-12S033 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
More results

Mô tả tương tự - MJW25_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Minmax Technology Co., ...
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com