công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSAU105 bảng dữ liệu(PDF) 4 Page - Minmax Technology Co., Ltd. |
|
MSAU105 bảng dữ liệu(HTML) 4 Page - Minmax Technology Co., Ltd. |
4 / 4 page MSAU100 SERIES DC/DC CONVERTER 1W, SMD-Package 18, Sin Sin Road, An-Ping Industrial District, Tainan 702, Taiwan Tel: 886-6-2923150 Fax: 886-6-2923149 E-mail: sales@minmax.com.tw 2015/07/31 REV:7 Page 4 of 4 Minmax Technology Co., Ltd. Test Setup Input Reflected-Ripple Current Test Setup Input reflected-ripple current is measured with a inductor Lin (4.7μH) and Cin (220μF, ESR < 1.0Ω at 100 KHz) to simulate source impedance. Capacitor Cin, offsets possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz. +Out -Out +Vin -Vin DC / DC Converter Load Battery + Lin + Cin To Oscilloscope Current Probe Peak-to-Peak Output Noise Measurement Test Use a Cout 0.33μF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load between 50 mm and 75 mm from the DC/DC Converter. +Out -Out +Vin -Vin Single Output DC / DC Converter Resistive Load Scope Copper Strip Cout Copper Strip Technical Notes Maximum Capacitive Load The MSAU100 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up, affecting the ramp-up and the startup time. For optimum performance we recommend 33μF maximum capacitive load. The maximum capacitance can be found in the data sheet. Input Source Impedance The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup. Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0Ω at 100 KHz) capacitor of a 2.2μF for the 5V input devices, a 1.0μF for the 12V input devices and a 0.47μF for the 24V input devices. + +Out -Out +Vin -Vin DC / DC Converter Load DC Power Source + - Cin Output Ripple Reduction A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is recommended to use 0.47μF capacitors at the output. +Out -Out +Vin -Vin Load DC Power Source + - Cout Single Output DC / DC Converter Thermal Considerations Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below 90 ℃. The derating curves are determined from measurements obtained in a test setup. DUT Position of air velocity probe and thermocouple 50mm / 2in Air Flow 15mm / 0.6in |
Số phần tương tự - MSAU105 |
|
Mô tả tương tự - MSAU105 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |