công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJWI10 bảng dữ liệu(PDF) 2 Page - Minmax Technology Co., Ltd.

tên linh kiện MJWI10
Giải thích chi tiết về linh kiện  DC/DC CONVERTER 10W, High Power Density
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINMAX [Minmax Technology Co., Ltd.]
Trang chủ  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI10 bảng dữ liệu(HTML) 2 Page - Minmax Technology Co., Ltd.

  MJWI10_15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI10_15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI10_15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI10_15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI10_15 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MJWI10 SERIES
DC/DC CONVERTER 10W, High Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/06/16 REV:20
Page 2 of 5
®
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
2.5V ~ 50V or Open Circuit
Converter Off
0~1.0V or Short Circuit (Pin 2 and Pin 6)
Control Input Current (on)
Vctrl = 5V
---
---
500
μA
Control Input Current (off)
Vctrl = 0V
---
---
-500
μA
Control Common
Referenced to Negative Input
Standby Input Current
---
---
10
mA
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
---
±2.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max. @Full Load
---
±0.3
±1.0
%
Load Regulation
Io=15% to 100%
---
±0.5
---
%
Ripple & Noise
0-20 MHz Bandwidth
---
---
100
mV p-p
Transient Recovery Time
25% Load Step Change
---
300
600
μsec
Transient Response Deviation
---
±3
±6
%
Temperature Coefficient
---
±0.01
±0.02
%/℃
Over Load Protection
Hiccup
110
150
---
%
Short Circuit Protection
Hiccup Mode, Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
1500
---
---
VDC
1 Second
1800
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
I/O Isolation Capacitance
100KHz, 1V
---
---
1500
pF
Switching Frequency
---
450
---
KHz
MTBF(calculated)
MIL-HDBK-217F@25℃, Ground Benign
350,000
Hours
Safety Approvals
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-report)
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range
Natural Convection
-40
+80
(See Power Derating Curve)
Case Temperature
---
+100
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection
RFI
Six-Sided Shielded, Metal Case
Lead Temperature (1.5mm from case for 10Sec.)
---
260


Số phần tương tự - MJWI10_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Minmax Technology Co., ...
MJWI10-24D05 MINMAX-MJWI10-24D05 Datasheet
346Kb / 5P
   DC/DC CONVERTER 10W, High Power Density
logo
Total Power Internation...
MJWI10-24D05 TOTAL-POWER-MJWI10-24D05 Datasheet
491Kb / 5P
   Shielded Metal Case with Isolated Baseplate
logo
Minmax Technology Co., ...
MJWI10-24D12 MINMAX-MJWI10-24D12 Datasheet
346Kb / 5P
   DC/DC CONVERTER 10W, High Power Density
logo
Total Power Internation...
MJWI10-24D12 TOTAL-POWER-MJWI10-24D12 Datasheet
491Kb / 5P
   Shielded Metal Case with Isolated Baseplate
logo
Minmax Technology Co., ...
MJWI10-24D15 MINMAX-MJWI10-24D15 Datasheet
346Kb / 5P
   DC/DC CONVERTER 10W, High Power Density
More results

Mô tả tương tự - MJWI10_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Minmax Technology Co., ...
MJWI10 MINMAX-MJWI10 Datasheet
346Kb / 5P
   DC/DC CONVERTER 10W, High Power Density
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
   DC-DC CONVERTER 10W
logo
List of Unclassifed Man...
MGDM-10 ETC2-MGDM-10 Datasheet
560Kb / 14P
   Hi-Rel DC/DC CONVERTER 10W POWER
logo
Vishay Siliconix
FX5545G305 VISHAY-FX5545G305 Datasheet
185Kb / 4P
   Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
logo
MORNSUN Science& Techno...
LHE10-20D0512-02ER2 MORNSUN-LHE10-20D0512-02ER2 Datasheet
1Mb / 5P
   10W, AC-DC converter
logo
HY-LINE Power Component...
P10C24S33W HY-LINE-P10C24S33W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
logo
MORNSUN Science& Techno...
LD10-20B03 MORNSUN-LD10-20B03_15 Datasheet
2Mb / 6P
   10W, AC/DC converter
LH10-10B03 MORNSUN-LH10-10B03_15 Datasheet
1Mb / 7P
   10W, AC-DC converter
LHE10-20A05 MORNSUN-LHE10-20A05 Datasheet
1Mb / 6P
   10W, AC-DC converter
LD10-26B03 MORNSUN-LD10-26B03 Datasheet
1Mb / 6P
   10W, AC/DC converter
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com