công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AZF-60S24 bảng dữ liệu(PDF) 1 Page - Minmax Technology Co., Ltd.

tên linh kiện AZF-60S24
Giải thích chi tiết về linh kiện  AC/DC Power Module 60W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINMAX [Minmax Technology Co., Ltd.]
Trang chủ  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AZF-60S24 bảng dữ liệu(HTML) 1 Page - Minmax Technology Co., Ltd.

  AZF-60S24 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AZF-60S24 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AZF-60S24 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AZF-60S24 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AZF-60 SERIES
AC/DC Power Module 60W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/08/30 REV:14
Page 1 of 4
FEATURES
Fully Encapsulated Plastic Case for
PCB, Chassis and DIN-Rail Mounting Version
Universal Input 85~264VAC, 47~440Hz
Protection Class II as per IEC/EN 60536
I/O Isolation 3000VAC with Reinforced Insulation
Operating Ambient Temp. Range -10℃ to +70℃
Overload/Voltage and Short Circuit Protection
Designed-in EMI Emission meets EN55011/22 Class B & FCC Level B
Designed-in EMC Immunity meets EN61000-4-2,3,4,5,6,8,11
UL508 Safety Approval (Option) Specifically for Industrial Application
UL/cUL/IEC/EN 60950-1 Safety Approval & CE Marking
PRODUCT OVERVIEW
The MINMAX AZF-60 series is a new range of fully encapsulated AC/DC power supply modules. The product features EMI-filter to EN55022, class B and
EMS compliance to EN 61000-4 standard.Universal input voltage 85-264VAC and International safety approvals qualifies these power modules for
applications in products with worldwide markets. For industrial applications, the models for chassis mounting can also be supplied as option with UL508
approval.The AZF-60 series provide a cost effective solution for many space critical applications in commercial and industrial electronic equipment.
Model Selection Guide
Model Number
PCB Mounting
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
115VAC, 60Hz
Max.
@Max. Load
@No Load
@Max. Load
VDC
mA
mA(typ.)
mA(typ.)
μF
%
AZF-60S051
5.1
10,000
936
50
8000
79
AZF-60S12
12
5000
1060
50
3900
82
AZF-60S15
15
4000
1047
50
3300
83
AZF-60S24
24
2500
1035
50
1500
84
AZF-60S36
36
1666
1035
50
1000
84
AZF-60S48
48
1250
1035
50
680
84
Input Specifications
Parameter
Conditions / Model
Min.
Typ.
Max.
Unit
Input Voltage Range
All Models
85
---
264
VAC
Input Frequency Range
47
---
63
Hz
Input Voltage Range
120
---
370
VDC
Inrush Current
115VAC
Cold Start at 25℃
---
---
30
A
230VAC
---
---
50
A


Số phần tương tự - AZF-60S24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Minmax Technology Co., ...
AZF-60S24 MINMAX-AZF-60S24 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S24 MINMAX-AZF-60S24 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S24 MINMAX-AZF-60S24 Datasheet
2Mb / 4P
   AC/DC Power Module 60W Fully encapsulated Plastic Case
More results

Mô tả tương tự - AZF-60S24

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
AA60S0500A DELTA-AA60S0500A Datasheet
381Kb / 7P
   60W Single AC/DC Power Module
AA60S DELTA-AA60S Datasheet
324Kb / 6P
   60W Single AC/DC Power Module
logo
Minmax Technology Co., ...
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
MRWI60C MINMAX-MRWI60C_15 Datasheet
720Kb / 6P
   DC/DC Power Module 60W
logo
Delta Electronics, Inc.
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Minmax Technology Co., ...
AZF-60 MINMAX-AZF-60_13 Datasheet
2Mb / 4P
   AC/DC Power Module 60W Fully encapsulated Plastic Case
logo
Total Power Internation...
T-60 TOTAL-POWER-T-60 Datasheet
34Kb / 1P
   T60 AC-DC 60W POWER SUPPLY
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com