công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34262PG bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC34262PG
Giải thích chi tiết về linh kiện  Power Factor Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262PG bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC34262PG Datasheet HTML 1Page - ON Semiconductor MC34262PG Datasheet HTML 2Page - ON Semiconductor MC34262PG Datasheet HTML 3Page - ON Semiconductor MC34262PG Datasheet HTML 4Page - ON Semiconductor MC34262PG Datasheet HTML 5Page - ON Semiconductor MC34262PG Datasheet HTML 6Page - ON Semiconductor MC34262PG Datasheet HTML 7Page - ON Semiconductor MC34262PG Datasheet HTML 8Page - ON Semiconductor MC34262PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2013
August, 2013 − Rev. 14
1
Publication Order Number:
MC34262/D
MC34262, MC33262
Power Factor Controllers
The MC34262/MC33262 are active power factor controllers
specifically designed for use as a preconverter in electronic ballast
and in off−line power converter applications. These integrated
circuits feature an internal startup timer for stand−alone applications,
a one quadrant multiplier for near unity power factor, zero current
detector to ensure critical conduction operation, transconductance
error amplifier, quickstart circuit for enhanced startup, trimmed
internal bandgap reference, current sensing comparator, and a totem
pole output ideally suited for driving a power MOSFET.
Also included are protective features consisting of an overvoltage
comparator to eliminate runaway output voltage due to load removal,
input undervoltage lockout with hysteresis, cycle−by−cycle current
limiting, multiplier output clamp that limits maximum peak switch
current, an RS latch for single pulse metering, and a drive output high
state clamp for MOSFET gate protection. These devices are
available in dual−in−line and surface mount plastic packages.
Features
Overvoltage Comparator Eliminates Runaway Output Voltage
Internal Startup Timer
One Quadrant Multiplier
Zero Current Detector
Trimmed 2% Internal Bandgap Reference
Totem Pole Output with High State Clamp
Undervoltage Lockout with 6.0 V of Hysteresis
Low Startup and Operating Current
Supersedes Functionality of SG3561 and TDA4817
These are Pb−Free and Halide−Free Devices
Figure 1. Simplified Block Diagram
Voltage
Feedback
Input
Multiplier,
Latch,
PWM,
Timer,
&
Logic
Error Amp
Multiplier
Undervoltage
Lockout
2.5V
Reference
Zero Current Detector
5
8
6
7
4
3
2
1
Drive Output
GND
Zero Current
Detect Input
Multiplier
Input
Compensation
VCC
Current Sense
Input
Overvoltage
Comparator
+
1.08 Vref
+
Vref
Quickstart
POWER FACTOR
CONTROLLERS
PIN CONNECTIONS
SOIC−8
D SUFFIX
CASE 751
8
1
8
1
PDIP−8
P SUFFIX
CASE 626
Voltage Feedback
Input
1
2
3
4
8
7
6
5
(Top View)
Compensation
Multiplier Input
Current Sense
Input
VCC
Drive Output
GND
Zero Current
Detect Input
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
x
= 3 or 4
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
G
= Pb−Free Package
MARKING
DIAGRAMS
MC3x262P
AWL
YYWWG
1
8
3x262
ALYW
G
1
8


Số phần tương tự - MC34262PG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34262PG ONSEMI-MC34262PG Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
More results

Mô tả tương tự - MC34262PG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com