công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST16C2552IJ bảng dữ liệu(PDF) 6 Page - Exar Corporation

tên linh kiện ST16C2552IJ
Giải thích chi tiết về linh kiện  2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2552IJ bảng dữ liệu(HTML) 6 Page - Exar Corporation

Back Button ST16C2552IJ Datasheet HTML 2Page - Exar Corporation ST16C2552IJ Datasheet HTML 3Page - Exar Corporation ST16C2552IJ Datasheet HTML 4Page - Exar Corporation ST16C2552IJ Datasheet HTML 5Page - Exar Corporation ST16C2552IJ Datasheet HTML 6Page - Exar Corporation ST16C2552IJ Datasheet HTML 7Page - Exar Corporation ST16C2552IJ Datasheet HTML 8Page - Exar Corporation ST16C2552IJ Datasheet HTML 9Page - Exar Corporation ST16C2552IJ Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
ST16C2552
áç
áç
áç
áç
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
REV. 4.2
6
1.0
PRODUCT DESCRIPTION
The 2552 provides serial asynchronous receive data synchronization, parallel-to-serial and serial-to-parallel
data conversions for both the transmitter and receiver sections. These functions are necessary for converting
the serial data stream into parallel data that is required with digital data systems. Synchronization for the serial
data stream is accomplished by adding start and stops bits to the transmit data to form a data character
(character orientated protocol). Data integrity is ensured by attaching a parity bit to the data character. The
parity bit is checked by the receiver for any transmission bit errors. The electronic circuitry to provide all these
functions is fairly complex especially when manufactured on a single integrated silicon chip. The 2552
represents such an integration with greatly enhanced features. The 2552 is fabricated with an advanced
CMOS process.
The 2552 is an upward solution that provides a dual UART capability with 16 bytes of transmit and receive
FIFO memory, instead of none in the 16C2450. The 2552 is designed to work with high speed modems and
shared network environments, that require fast data processing time. Increased performance is realized in the
2552 by the transmit and receive FIFO’s. This allows the external processor to handle more networking tasks
within a given time. For example, the ST16C2450 without a receive FIFO, will require unloading of the RHR in
93 microseconds (This example uses a character length of 11 bits, including start/stop bits at 115.2 Kbps). This
means the external CPU will have to service the receive FIFO less than every 100 microseconds. However
with the 16 byte FIFO in the 2552, the data buffer will not require unloading/loading for 1.53 ms. This increases
the service interval giving the external CPU additional time for other applications and reducing the overall
UART interrupt servicing time. In addition, the 4 selectable receive FIFO trigger interrupt levels is uniquely
provided for maximum data throughput performance especially when operating in a multi-channel
environment. The FIFO memory greatly reduces the bandwidth requirement of the external controlling CPU,
increases performance, and reduces power consumption.
The 2552 is capable of operation up to 4 Mbps with a 64 MHz clock. With a crystal or external clock input of
14.7456 MHz the user can select data rates up to 921.6 Kbps.
The rich feature set of the 2552 is available through internal registers. Selectable receive FIFO trigger levels,
selectable TX and RX baud rates, and modem interface controls are all standard features. Following a power
on reset or an external reset, the 2552 is software compatible with the 16L2752 and 16C2852.


Số phần tương tự - ST16C2552IJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C2552IJ44 EXAR-ST16C2552IJ44 Datasheet
121Kb / 28P
   DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
ST16C2552IJ44 EXAR-ST16C2552IJ44 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results

Mô tả tương tự - ST16C2552IJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552_06 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com