công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC786821E bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện LC786821E
Giải thích chi tiết về linh kiện  Compressed Audio Signal Processor IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786821E bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  LC786821E Datasheet HTML 1Page - ON Semiconductor LC786821E Datasheet HTML 2Page - ON Semiconductor LC786821E Datasheet HTML 3Page - ON Semiconductor LC786821E Datasheet HTML 4Page - ON Semiconductor LC786821E Datasheet HTML 5Page - ON Semiconductor LC786821E Datasheet HTML 6Page - ON Semiconductor LC786821E Datasheet HTML 7Page - ON Semiconductor LC786821E Datasheet HTML 8Page - ON Semiconductor LC786821E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
LC786821E
www.onsemi.com
2
■ Detail Functions
[ Compressed audio functions ]
<Audio processing block>
 MP3 decode (ISO/IEC 11172-3, ISO/IEC 13818-3)
Supported sampling rate
: MPEG1-Layer1/2/3 (32kHz, 44.1kHz, 48kHz)
MPEG2-Layer1/2/3 (16kHz, 22.05kHz, 24kHz)
MPEG2.5-Layer3
( 8kHz, 11.025kHz, 12kHz)
Supported bit rate
: All Bit Rate (Variable Bit Rate support)
MPEG header read supported
 WMA decode (Version 9.2 standard)
Supported sampling rate
: 8kHz to 48kHz
Supported bit rate
: 5kbps to 384kbps (Variable Bit Rate support)
 AAC decode (ISO/IEC 14496-3, ISO/IEC 13818-7)
Profile
: MPEG4-AAC-LowComplexity
Supported sampling rate
: 8kHz to 48kHz
Supported bit rate
: Monaural 8kbps to 160kbps (Variable bit rate support)
Stereo
16kbps to 320kbps (Variable bit rate support)
* Depending on the condition, sampling rate can be supported up to 96kHz.
 FLAC decode (FLAC 1.3.0)
Supported format
: Block size: up to 4608
Quantized number of bits: 8/16/24 bit per sample
Supported sampling rate
: 8kHz to 48kHz
Supported channel
: 1/2ch
 SBC decode (Bluetooth A2DP Ver1.2)
Supported format
: Block length: 4/8/12/16, Sub-band : 4/8, SNR/Loudness
Supported sampling rate : 16kHz, 32kHz, 44.1kHz and 48kHz
Supported bit rate
: up to 512kbps
 modifiedSBC (mSBC)
Capable of voice processing with WBS (WideBandSpeech): Fx=16kHz by supporting the mSBC
encode/decode function
[ Audio processing functions ]
<Audio data digital processing block>
 Equalizer function
Supports max of 20-band (stereo 1ch) and unused band can be used for not only the voice output but also
used for other processing
 Supports signal processing for subwoofer
 Sampling conversion (Fs=32/44.1/48kHz) when playing compressed audio, High band extended
processing supported
 Mute (
/12dB), attenuator
 De-emphasis filter
 Embedded level/peak hold circuit and can hold up to 8 data
 Noise cancel/Echo cancel function
Supports noise cancel/echo cancel at Fs=8kHz
 Supports input/output of Fs=16kHz voice data
<Audio input processing block>
 Analog Audio data input (3-channels by stereo)
Single Ended input
: 2 channels
Differential input
: 1 channel
Input Gain
:
12.5dB to +18.5dB (1dB step)
24bit accuracy AD converter
 Digital audio input (Stereo input: Max of 3 channels)
Supports digital 3-line (LR clock, bit clock, audio data) connection and clock can be master or slave
Data format supports IIS/MSB first right justified and etc.
Input data can support 8kHz to 96kHz, and by sampling conversion, converts to the suitable Fs
(Playback Fs=32/44.1/48kHz etc.)


Số phần tương tự - LC786821E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
More results

Mô tả tương tự - LC786821E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
   AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
   AUDIO SIGNAL PROCESSOR
September 1999
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
   AUDIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com