công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC786821E bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện LC786821E
Giải thích chi tiết về linh kiện  Compressed Audio Signal Processor IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786821E bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  LC786821E Datasheet HTML 1Page - ON Semiconductor LC786821E Datasheet HTML 2Page - ON Semiconductor LC786821E Datasheet HTML 3Page - ON Semiconductor LC786821E Datasheet HTML 4Page - ON Semiconductor LC786821E Datasheet HTML 5Page - ON Semiconductor LC786821E Datasheet HTML 6Page - ON Semiconductor LC786821E Datasheet HTML 7Page - ON Semiconductor LC786821E Datasheet HTML 8Page - ON Semiconductor LC786821E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
Publication Order Number:
LC786821E/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2016
June 2016 - Rev. 1
LC786821E
Compressed Audio Signal Processor IC
with USB Host Controller and Bluetooth
■ Overview
The LC786821E integrates ARM7TDMI-S™, USB host processing, SD
memory card host processing, compressed audio decode processing, audio
signal processing and a flash memory which stores the program for
ARM7TDMI-S™ and the various data. The sophisticated programs in the
flash memory for the USB host processing for the SD memory card
processing or audio signal processing etc. make the process of external main
microcontroller easier and very helpful to develop a much features/high
performance audio player system.
■ Main Features
1. USB host/device function (Full speed: 12Mbps),
SD memory card host function
2. MP3*, WMA*, AAC*, FLAC*, SBC* decoder processing function
3. Audio input functions such as Analog (stereo 3ch)/digital 3ch input
(Sampling rate convertible)
4. Audio processing functions such as 20 bands equalizer (stereo 1ch),
subwoofer processing, high-frequency range extendable filter and etc.
5. Audio output functions such as Electronical Volume output 5 ch
(for LF, LR, RF, RR, SW), or DAC output 3ch (Lch, Rch, SW)
6. ARM7TDMI-S™ as internal CPU core, flash memory for program and
various data storage
7. Bluetooth* Audio processing/Hands-free function
8. Operational voltage source: 3.3V single power supply
9. Operational temperature:
40 to +85 C
10. Package: QIP100E (14
20) Pb-Free and Halogen Free type
* MP3
MPEG Layer-3 Audio Coding
* WMA
Windows Media Audio
* AAC
Advanced Audio Coding
* FLAC
Free Lossless Audio Codec
*SBC
SubBand Codec
*Bluetooth profile
Copyright 1999-2014 OpenSynergy GmbH
All rights reserved. All unpublished rights reserved.
PQFP100 14x20 / QIP100E
* This product is licensed from Silicon Storage Technology, Inc. (USA).


Số phần tương tự - LC786821E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
More results

Mô tả tương tự - LC786821E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
   AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
   AUDIO SIGNAL PROCESSOR
September 1999
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
   AUDIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com