công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33493 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC33493
Giải thích chi tiết về linh kiện  PLL tuned UHF Transmitter for Data Transfer Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33493 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC33493 Datasheet HTML 3Page - Motorola, Inc MC33493 Datasheet HTML 4Page - Motorola, Inc MC33493 Datasheet HTML 5Page - Motorola, Inc MC33493 Datasheet HTML 6Page - Motorola, Inc MC33493 Datasheet HTML 7Page - Motorola, Inc MC33493 Datasheet HTML 8Page - Motorola, Inc MC33493 Datasheet HTML 9Page - Motorola, Inc MC33493 Datasheet HTML 10Page - Motorola, Inc MC33493 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ELECTRICAL CHARACTERISTICS
MOTOROLA
MC33493 Technical Data
7
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, voltage range Vcc=[Vshutdown;3.6V], temperature range TA=[-40°C;+125°C],
Rext=12kΩ+/-5%, RF output frequency fcarrier=433.92MHz, reference frequency freference=13.560MHz, output
load RL=50Ω+/-1% (figure 9). Values refer to the circuit shown in the recommended application schematics:
figure 12 (14) for OOK (FSK) modulation. Typical values reflect average measurement at VCC=3V, TA=25°C.
Parameter
Test Conditions, Comments
Limits
Unit
Min.
Typ.
Max.
1
General Parameters
1.1
Supply Current in
Standby Mode
TA≤25°C
-0.1
5
nA
1.2
TA=60°C
-
7
30
nA
1.3
TA=85°C
-
40
100
nA
1.4
TA=125°C
-
800
1700
nA
1.7
Supply Current in
Transmission Mode
315 & 434 bands,
OOK and FSK modulation,
continuous wave, TA=25°C
-11.6
13.5
mA
1.5
315 & 434 bands,
DATA=0, -40°C
≤TA≤125°C
-4.4
6.0
mA
1.6
868MHz band,
DATA=0, -40°C
≤TA≤125°C
-4.6
6.2
mA
1.8
315 & 434 bands,
OOK and FSK modulation,
continuous wave, -40°C
≤TA≤125°C
-11.6
14.9
mA
1.9
868MHz band,
OOK and FSK modulation,
continuous wave, -40°C
≤TA≤125°C
-11.8
15.1
mA
1.10
Supply Voltage
-
3
3.6
V
1.11
Shutdown Voltage Threshold
TA=-40°C
-2.04
2.11
V
1.12
TA=-20°C
-
1.99
2.06
V
1.13
TA=25°C
-
1.86
1.95
V
1.14
TA=60°C
-
1.76
1.84
V
1.15
TA=85°C
-
1.68
1.78
V
1.16
TA=125°C
-
1.56
1.67
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33493

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
logo
Freescale Semiconductor...
MC33493A FREESCALE-MC33493A Datasheet
429Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
logo
NXP Semiconductors
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
Freescale Semiconductor...
MC33493ADTB FREESCALE-MC33493ADTB Datasheet
429Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
More results

Mô tả tương tự - MC33493

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33492 MOTOROLA-MC33492 Datasheet
849Kb / 16P
   PLL Tuned UHF Transmitter for Data Transfer Applications
logo
Freescale Semiconductor...
MC33493DTBR2 FREESCALE-MC33493DTBR2 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
MC33493A FREESCALE-MC33493A Datasheet
429Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com