công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
G07C0000 bảng dữ liệu(PDF) 2 Page - Red Lion Controls. Inc |
|
G07C0000 bảng dữ liệu(HTML) 2 Page - Red Lion Controls. Inc |
2 / 4 page COMMUNICATION PROPERTIES USB Ports Programming Port: One (1) USB Type B adheres to USB specification 1.1 Host Ports: Two (2) USB Type A complies with USB specification 2.0 Supports full-speed data transfers Hardware over current protected (0.5 A max per port) Serial Ports: Format/Baud rates independently configurable Programming Port: One (1) RS-232 port with RJ12 connector Communication Ports: One (1) RS-232 port via RJ12 connector One (1) RS-422/485 port via RJ45 connector Optional Serial Ports: One (1) RS-232 port via RJ12 connector One (1) RS-422/485 port with via RJ45 connector Ethernet Ports: 1500 Vrms network isolation One (1) 10/100Base-T(X) port via RJ45 connector Optional Ethernet Port: One (1) 10/100Base-T(X) port via RJ45 connector POWER INPUT 24 VDC ± 20% Model Typical Max With Modules G07C 9 W 16 W 37 W G07S 10 W 17 W 38 W G09 13 W 20 W 45 W G10C/R 12 W 19 W 48 W G10S 18 W 24 W 53 W G12 16 W 23 W 56 W G15 20 W 27 W 60 W Must use a Class 2 circuit according to National Electrical Code (NEC), NFPA-70 or Canadian Electrical Code (CEC), Part I, C22.1 or a Limited Power Supply (LPS) according to IEC 60950-1 or Limited-energy circuit according to IEC 61010-1. Power connection via removable three position terminal block. Battery: Lithium coin cell Typical lifetime of 10 years POWER CONNECTION High compression cage-clamp terminal block Wire Strip Length: 0.3” (7.5 mm) Wire Gauge Capacity: One 14 AWG (1.63 mm) solid, two 18 AWG (1.02 mm) or four 20 AWG (0.81 mm) LCD DISPLAY Touchscreen: Resistive analog Model Size Pixels Brightness Backlight G07C 7 in 800 X 480 500 cd/m2 50,000 HR TYP. G07S 7 in 800 X 480 1000 cd/m2 70,000 HR TYP. G09 9 in 800 X 480 400 cd/m2 70,000 HR TYP. G10C 10 in 640 X 480 450 cd/m2 70,000 HR TYP. G10R 10 in 800 X 600 400 cd/m2 70,000 HR TYP. G10S 10 in 640 X 480 1500 cd/m2 35,000 HR TYP. G12 12 in 1280 X 800 400 cd/m2 70,000 HR TYP. G15 15 in 1024 X 768 400 cd/m2 70,000 HR TYP. NETWORK MEDIA 10BaseT: ≥ Cat3 cable 100BaseTX: ≥ Cat5 cable ENVIRONMENTAL Operating Temperature: -20° C to 60° C Storage Temperature: -20° C to 70° C Operating Humidity: 0 to 85% (non condensing) Operating Altitude: Up to 2000 meters Shock: 40 g per IEC 68-2-27 Vibration: 4 g @ 5-500 Hz (7” model see lit) per IEC 68-2-6 CERTIFICATION & COMPLIANCE Product Safety: UL Safety: Class I, Division 2, Groups A, B, C, D , Class II, Division 2, Groups F and G , Class III Hazardous Locations certificate number #E317425 CE Approved: EN 61326-1 Immunity to Industrial Locations Emission CISPR 11 Class A, IEC/EN 61010-1, RoHS Compliant ABS Type Approval for Shipboard Applications Outdoor Enclosure Rating: IP40, UL50 (Face only) Enclosure Rating: IP66 (Face only) Enclosure Rating: IP20 (Rear of unit) MECHANICAL Construction: Cast aluminum enclosure with NEMA 4X/IP66 rating for indoor/outdoor use when correctly fitted with the gasket provided. Installation Category II, Pollution Degree 2. Weight: G07 – 2.26 lb. (1.03 kg) G09 – 3.39 lb. (1.54 kg) G10 – 4.80 lb. (2.18 kg) G12 – 5.06 lb. (2.29 kg) G15 – 7.73 lb. (3.50 kg) Graphite Specifications |
Số phần tương tự - G07C0000 |
|
Mô tả tương tự - G07C0000 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |