công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BYT56A bảng dữ liệu(PDF) 1 Page - Diode Semiconductor Korea

tên linh kiện BYT56A
Giải thích chi tiết về linh kiện  HIGH EFFICIENCY ECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DSK [Diode Semiconductor Korea]
Trang chủ  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BYT56A bảng dữ liệu(HTML) 1 Page - Diode Semiconductor Korea

  BYT56A Datasheet HTML 1Page - Diode Semiconductor Korea BYT56A Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Fast recovery times
Ul 90V0 flame retardant epoxy molding compound
Diffused junction
Low cost
High surge current capability
MECHANICAL DATA
Case:JEDEC DO--27,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces,1.15 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
BYT
56B
BYT
56D
BYT
56G
BYT
56J
BYT
56K
BYT
56M
UNITS
Maximum recurrent peak reverse voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
100
200
400
600
800
1000
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 3.0A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
BYT56A(Z)--- BYT56M(Z)
A
Bevel round chip, aualanche operation
IF(AV)
HIGH EFFICIENCY ECTIFIERS
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 3.0 A
DO - 27
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
3. Thermal resistance f rom junction to ambient.
A
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC.
A
- 55 ---- + 150
- 55 ---- + 150
100
150.0
50
BYT
56A
35
50
3.0
1.4
30
150.0
10.0
75
50
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Số phần tương tự - BYT56A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BYT56A VISHAY-BYT56A Datasheet
42Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Galaxy Semi-Conductor H...
BYT56A BILIN-BYT56A Datasheet
92Kb / 2P
   HIGH EFFICIENCY ECTIFIERS
logo
Vishay Siliconix
BYT56A VISHAY-BYT56A Datasheet
124Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 13-Apr-05
logo
EIC discrete Semiconduc...
BYT56A EIC-BYT56A Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYT56A VISHAY-BYT56A Datasheet
103Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results

Mô tả tương tự - BYT56A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Galaxy Semi-Conductor H...
BYT56A BILIN-BYT56A Datasheet
92Kb / 2P
   HIGH EFFICIENCY ECTIFIERS
RU4Y BILIN-RU4Y Datasheet
91Kb / 2P
   HIGH EFFICIENCY ECTIFIERS
logo
SAMYANG ELECTRONICS CO....
LL4001G SAMYANG-LL4001G Datasheet
1Mb / 2P
   PLASTIC SILICON R ECTIFIERS
logo
Leshan Radio Company
1F7 LRC-1F7_15 Datasheet
225Kb / 7P
   Fast Recovery ectifiers
logo
SAMYANG ELECTRONICS CO....
ABS202 SAMYANG-ABS202 Datasheet
1Mb / 2P
   SILICON B RIDGE R ECTIFIERS
ABS1502 SAMYANG-ABS1502 Datasheet
1Mb / 2P
   SILICON B RIDGE R ECTIFIERS
ABS1 SAMYANG-ABS1 Datasheet
1Mb / 2P
   SILICON B RIDGE R ECTIFIERS
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
   High efficiency
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
   High efficiency
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com