công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1524A bảng dữ liệu(PDF) 2 Page - Semtech Corporation

tên linh kiện GS1524A
Giải thích chi tiết về linh kiện  Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1524A bảng dữ liệu(HTML) 2 Page - Semtech Corporation

  GS1524A Datasheet HTML 1Page - Semtech Corporation GS1524A Datasheet HTML 2Page - Semtech Corporation GS1524A Datasheet HTML 3Page - Semtech Corporation GS1524A Datasheet HTML 4Page - Semtech Corporation GS1524A Datasheet HTML 5Page - Semtech Corporation GS1524A Datasheet HTML 6Page - Semtech Corporation GS1524A Datasheet HTML 7Page - Semtech Corporation GS1524A Datasheet HTML 8Page - Semtech Corporation GS1524A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
GS1524A Adaptive Cable Equalizer
Data Sheet
28852 - 5
June 2009
2 of 16
GS1524A Functional Block Diagram
Revision History
CABLE LENGTH INDICATOR/ADJUSTOR
CARRIER DETECT
MUTE
EQUALIZER
DC RESTORE
OUTPUT
AGC
CLI
CD/MUTE
SDO
BYPASS
SDO
SDI
SDI
MCLADJ
Version
ECR
PCN
Date
Changes and/or Modifications
6
152097
June 2009
Removed ‘Proprietary & Confidential’ from footer.
Updated document format.
5
147547
September
2007
Corrected P/N in Ordering Information.
4
147532
September
2007
Added P/N to Ordering Information.
3
141578
40438
August 2006
Added 200m output cable length jitter data at
1.485Gb/s in AC Electrical Characteristics and clarified
0m cable length input voltage swing condition.
Modified 200m cable length in Features section and
Detailed Description.
2
137826
August 2005
Corrected process to BiCMOS.
1
136832
May 2005
Updated document status to Data Sheet. Updated all
‘Green’ references to say ‘RoHS Compliant’. Clarified
naming of solder reflow profiles and re-ordered
profiles to show preference for Pb-free profile.
Removed ‘Proprietary and Confidential’ footer.
Corrected minor typing errors.
0
135247
December 2004
Changed to Preliminary Data Sheet. Removed
references to GS9064A. Updated AC, DC and Absolute
Maximum Ratings tables. Added solder reflow profiles.
Added Packaging Data information. Corrected minor
typing errors.
A
131284
March 2004
New document.


Số phần tương tự - GS1524A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
GS1524ACKDE3 GENNUM-GS1524ACKDE3 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
GS1524ACTDE3 GENNUM-GS1524ACTDE3 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results

Mô tả tương tự - GS1524A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A Datasheet
681Kb / 16P
   GS1524A Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com