công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ABTH32316PN bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
SN74ABTH32316PN bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 13 page SN54ABTH32316, SN74ABTH32316 16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS SCBS179E – JUNE 1992 – REVISED MAY 1997 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 SN54ABTH32316 ...HT PACKAGE (TOP VIEW) 23 24 C8 C7 C6 GND C5 C4 C3 C2 C1 VCC NC GND B16 B15 B14 B13 B12 GND B11 B10 B9 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 25 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 A2 A3 A4 GND A5 A6 A7 A8 A9 VCC NC GND A10 A11 A12 A13 A14 GND A15 A16 NC 26 27 28 29 83 82 81 80 79 84 78 76 75 74 77 30 31 32 33 34 73 72 22 71 70 69 68 35 36 37 38 39 40 41 42 67 66 65 64 NC – No internal connection description The ’ABTH32316 consist of three 16-bit registered input/output (I/O) ports. These registers combine D-type latches and flip-flops to allow data flow in transparent, latch, and clock modes. Data from one input port can be exchanged to one or more of the other ports. Because of the universal storage element, multiple combinations of real-time and stored data can be exchanged among the three ports. Data flow in each direction is controlled by the output-enable (OEA, OEB, and OEC), select-control (SELA, SELB, and SELC), latch-enable (LEA, LEB, and LEC), and clock (CLKA, CLKB, and CLKC) inputs. The A data register operates in the transparent mode when LEA is high. When LEA is low, data is latched if CLKA is held at a high or low logic level. If LEA and clock-enable A (CLKENA) are low, data is stored on the low-to-high transition of CLKA. Output data selection is accomplished by the select-control pins. All three ports have active-low output enables, so when the output-enable input is low, the outputs are active; when the output-enable input is high, the outputs are in the high-impedance state. When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down. However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. |
Số phần tương tự - SN74ABTH32316PN |
|
Mô tả tương tự - SN74ABTH32316PN |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |