công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPT8241 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện OPT8241
Giải thích chi tiết về linh kiện  3D Time-of-Flight Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

OPT8241 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  OPT8241 Datasheet HTML 1Page - Texas Instruments OPT8241 Datasheet HTML 2Page - Texas Instruments OPT8241 Datasheet HTML 3Page - Texas Instruments OPT8241 Datasheet HTML 4Page - Texas Instruments OPT8241 Datasheet HTML 5Page - Texas Instruments OPT8241 Datasheet HTML 6Page - Texas Instruments OPT8241 Datasheet HTML 7Page - Texas Instruments OPT8241 Datasheet HTML 8Page - Texas Instruments OPT8241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
OPT8241
SBAS704B – JUNE 2015 – REVISED OCTOBER 2015
www.ti.com
Pin Functions
PIN
DESCRIPTION
NAME
NO.
FUNCTION
I/O BANK
AVDD
D3, G17
Power
1.8-V analog VDD
AVDD_PLL
A18
Power
1.8-V PLL VDD
AVDDH
A17
Power
3.3-V analog VDD
AVSS
E3, H3, H17
GND
Analog ground
AVSS_PLL
F17
GND
PLL GND
CLKOUT
M5
O
IOVDD
Parallel data clock output
CMOS[0]
M13
O
IOVDD
Parallel data output bit 0
CMOS[1]
M12
O
IOVDD
Parallel data output bit 1
CMOS[2]
M11
O
IOVDD
Parallel data output bit 2
CMOS[3]
M10
O
IOVDD
Parallel data output bit 3
CMOS[4]
M9
O
IOVDD
Parallel data output bit 4
CMOS[5]
M8
O
IOVDD
Parallel data output bit 5
CMOS[6]
M7
O
IOVDD
Parallel data output bit 6
CMOS[7]
M6
O
IOVDD
Parallel data output bit 7
CMOS[8]
M4
O
IOVDD
Parallel data output bit 8
CMOS[9]
M3
O
IOVDD
Parallel data output bit 9
CMOS[10]
M2
O
IOVDD
Parallel data output bit 10
CMOS[11]
L3
O
IOVDD
Parallel data output bit 11
CMOS[12]
L1
O
IOVDD
Parallel data output bit 12
CMOS[13]
K1
O
IOVDD
Parallel data output bit 13
CMOS[14]
J1
O
IOVDD
Parallel data output bit 14
CMOS[15]
K3
O
IOVDD
Parallel data output bit 15
DCLKM
L19
O
LVDS
Negative LVDS bit clock
DCLKP
M18
O
LVDS
Positive LVDS bit clock
Demodulation clock input (optional).
DEMOD_CLK
C19
I
IOVDD
This pin has a weak internal pulldown resistor.
DIFF0_M
M17
O
LVDS
Negative LVDS DIFF0 data pin
DIFF0_P
M16
O
LVDS
Positive LVDS DIFF0 data pin
DIFF1_M
K19
O
LVDS
Negative LVDS DIFF1 data pin
DIFF1_P
L17
O
LVDS
Positive LVDS DIFF1 data pin
DVDD
H19
Power
1.8-V digital VDD
DVDDH
A14
Power
3.3-V digital VDD
DVSS
G19
GND
Digital GND
GND
A4, A7, A8, A11, A15
GND
Ground
GPO[0]
A2
O
IOVDD
General-purpose output
GPO[1]
B1
O
IOVDD
General-purpose output
HD_QD
D1
O
IOVDD
Quad-frame line sync output
ILLUM_EN
A16
O
DVDDH
Illumination enable
ILLUM_N
A13
O
DVDDH
Illumination modulation signal; active low
ILLUM_P
A12
O
DVDDH
Illumination modulation signal; active high
IOVDD
H1, F19
Power
1.8-V to 3.3-V IOVDD
IOVSS
G1
GND
I/O GND
Main clock input for TG.
MCLK
B19
I
IOVDD
This pin has a weak internal pulldown resistor.
A1, A19, C17, M1,
NC
NC
No connection
M19
PCLK_M
M15
O
LVDS
Negative LVDS pixel clock
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPT8241


Số phần tương tự - OPT8241

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8241NBN TI1-OPT8241NBN Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8241NBNL TI1-OPT8241NBNL Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
[Old version datasheet]   OPT8241 3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
More results

Mô tả tương tự - OPT8241

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
[Old version datasheet]   OPT8241 3D Time-of-Flight Sensor
logo
Banner Engineering Corp...
ZMX BANNER-ZMX Datasheet
550Kb / 5P
   ZMX Series 3D Time of Flight Sensor
9 February 2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
   Time-of-Flight ranging Sensor-4M
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
   Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com