công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM26C31CDRG4 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM26C31CDRG4
Giải thích chi tiết về linh kiện  AM26C31 Quadruple Differential Line Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C31CDRG4 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button AM26C31CDRG4 Datasheet HTML 2Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 3Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 4Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 5Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 6Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 7Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 8Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 9Page - Texas Instruments AM26C31CDRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
AM26C31
SLLS103O – DECEMBER 1990 – REVISED JUNE 2016
www.ti.com
Product Folder Links: AM26C31
Submit Documentation Feedback
Copyright © 1990–2016, Texas Instruments Incorporated
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
Δ|VOD| and Δ|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to
a low level.
(3)
This parameter is measured per input. All other inputs are at 0 or 5 V.
6.6 Electrical Characteristics: AM26C31Q and AM26C31M
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VOH
High-level output voltage
IO = –20 mA
2.2
3.4
V
VOL
Low-level output voltage
IO = 20 mA
0.2
0.4
V
VOD
Differential output voltage magnitude
RL = 100 Ω, see Figure 2
2
3.1
V
Δ|VOD|
Change in magnitude of differential output voltage(2)
RL = 100 Ω, see Figure 2
±0.4
V
VOC
Common-mode output voltage
RL = 100 Ω, see Figure 2
3
V
Δ|VOC|
Change in magnitude of common-mode output voltage(2)
RL = 100 Ω, see Figure 2
±0.4
V
II
Input current
VI = VCC or GND
±1
μA
IO(off)
Driver output current with power off
VCC = 0
VO = 6 V
100
μA
VO = –0.25 V
–100
IOS
Driver output short-circuit current
VO = 0
–170
mA
IOZ
High-impedance off-state output current
VO = 2.5 V
20
μA
VO = 0.5 V
–20
ICC
Quiescent supply current
IO = 0
VI = 0 or 5 V
100
μA
VI = 2.4 V or 0.5 V
(3)
3.2
mA
Ci
Input capacitance
6
pF
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
Cpd is used to estimate the switching losses according to PD = Cpd × VCC
2 × f, where f is the switching frequency.
6.7 Switching Characteristics: AM26C31C and AM26C31I
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
S1 is open, see Figure 3
3
7
12
ns
tPHL
Propagation delay time, high-to-low-level output
3
7
12
tsk(p)
Pulse skew time (|tPLH – tPHL|)
S1 is open, see Figure 3
0.5
4
ns
tr(OD), tf(OD)
Differential output rise and fall times
S1 is open, see Figure 4
5
10
ns
tPZH
Output enable time to high level
S1 is closed, see Figure 5
10
19
ns
tPZL
Output enable time to low level
10
19
tPHZ
Output disable time from high level
S1 is closed, see Figure 5
7
16
ns
tPLZ
Output disable time from low level
7
16
Cpd
Power dissipation capacitance (each driver)(2)
S1 is open, see Figure 3
170
pF


Số phần tương tự - AM26C31CDRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM26C31CDRG4 TI-AM26C31CDRG4 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31CDRG4 TI-AM26C31CDRG4 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Mô tả tương tự - AM26C31CDRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com