công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMBJ8V0A bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor |
|
SMBJ8V0A bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor |
2 / 4 page SMBJ5V0(C)A-SMBJ170(C)A, Rev. I Transient Voltage Suppressors (continued) Electrical Characteristics T A = 25°C unless otherwise noted * Color band denotes cathode on unidirectional devices only. No color band on bidirectional devices. ** For bidirectional parts with V RWM<10V, the IR max limit is doubled. Uni-directional Bi-directional (C) Device Part Marking* Reverse Stand-off Voltage VRWM (V) Breakdown Voltage VBR (V) Test Current IT (mA) Clamping Voltage @IPPM VC (V) Peak Pulse Current IPPM (A) Reverse Leakage @ VRWM IR (uA)** min max SMBJ5V0(C)A KE 5.0 6.40 7.0 10 9.2 65.2 800 SMBJ6V0(C)A KG 6.0 6.67 7.37 10 10.3 58.3 800 SMBJ6V5(C)A KK 6.5 7.22 7.98 10 11.2 53.6 500 SMBJ7V0(C)A KM 7.0 7.78 8.60 10 12.0 50.0 200 SMBJ7V5(C)A KP 7.5 8.33 9.21 1 12.9 46.5 100 SMBJ8V0(C)A KR 8.0 8.89 9.83 1 13.6 44.1 50 SMBJ8V5(C)A KT 8.5 9.44 10.4 1 14.4 41.7 20 SMBJ9V0(C)A KV 9.0 10.0 11.1 1 15.4 39.0 10 SMBJ10(C)A KX 10 11.1 12.8 1 17.0 35.3 5 SMBJ11(C)A KZ 11 12.2 13.5 1 18.2 33.0 5 SMBJ12(C)A LE 12 13.3 14.7 1 19.9 30.2 5 SMBJ13(C)A LG 13 14.4 15.9 1 21.5 27.9 5 SMBJ14(C)A LK 14 15.6 17.2 1 23.2 25.9 5 SMBJ15(C)A LM 15 16.7 18.5 1 24.4 24.6 5 SMBJ16(C)A LP 16 17.8 19.7 1 26.0 23.1 5 SMBJ17(C)A LR 17 18.9 20.9 1 27.6 21.7 5 SMBJ18(C)A LT 18 20.0 22.1 1 29.2 20.5 5 SMBJ20(C)A LV 20 22.2 24.5 1 32.4 18.5 5 SMBJ22(C)A LX 22 24.4 26.9 1 35.5 16.9 5 SMBJ24(C)A LZ 24 26.7 29.5 1 38.9 15.4 5 SMBJ26(C)A ME 26 28.9 31.9 1 42.1 14.3 5 SMBJ28(C)A MG 28 31.1 34.4 1 45.4 13.2 5 SMBJ30(C)A MK 30 33.3 36.8 1 48.4 12.4 5 SMBJ33(C)A MM 33 36.7 40.6 1 53.3 11.3 5 SMBJ36(C)A MP 36 40.0 44.2 1 58.1 10.3 5 SMBJ40(C)A MR 40 44.4 49.1 1 64.5 9.3 5 SMBJ43(C)A MT 43 47.8 52.8 1 69.4 8.6 5 SMBJ45(C)A MV 45 50.0 55.3 1 72.7 8.3 5 SMBJ48(C)A MX 48 53.3 58.9 1 77.4 7.8 5 SMBJ51(C)A MZ 51 56.7 62.7 1 82.4 7.3 5 SMBJ54(C)A NE 54 60.0 66.3 1 87.1 6.9 5 SMBJ58(C)A NG 58 64.4 71.2 1 93.6 6.4 5 SMBJ60(C)A NK 60 66.7 73.7 1 96.8 6.2 5 SMBJ64(C)A NM 64 71.1 78.6 1 103.0 5.8 5 SMBJ70(C)A NP 70 77.8 86.0 1 113.0 5.3 5 SMBJ75(C)A NR 75 83.3 92.1 1 121.0 5.0 5 SMBJ78(C)A NT 78 86.7 95.8 1 126.0 4.8 5 SMBJ85(C)A NV 85 94.4 104.0 1 137.0 4.4 5 SMBJ90(C)A NX 90 100.0 111.0 1 146.0 4.1 5 SMBJ100(C)A NZ 100 111.0 123.0 1 162.0 3.7 5 SMBJ110(C)A PE 110 122.0 135.0 1 177.0 3.4 5 SMBJ120(C)A PG 120 133.0 147.0 1 193.0 3.1 5 SMBJ130(C)A PK 130 144.0 159.0 1 209.0 2.9 5 SMBJ150(C)A PM 150 167.0 185.0 1 243.0 2.5 5 SMBJ160(C)A PP 160 178.0 197.0 1 259.0 2.3 5 SMBJ170(C)A PR 170 189.0 209.0 1 275.0 2.2 5 |
Số phần tương tự - SMBJ8V0A |
|
Mô tả tương tự - SMBJ8V0A |