công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

YSS902 bảng dữ liệu(PDF) 8 Page - YAMAHA CORPORATION

tên linh kiện YSS902
Giải thích chi tiết về linh kiện  Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YAMAHA [YAMAHA CORPORATION]
Trang chủ  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS902 bảng dữ liệu(HTML) 8 Page - YAMAHA CORPORATION

Back Button YSS902 Datasheet HTML 4Page - YAMAHA CORPORATION YSS902 Datasheet HTML 5Page - YAMAHA CORPORATION YSS902 Datasheet HTML 6Page - YAMAHA CORPORATION YSS902 Datasheet HTML 7Page - YAMAHA CORPORATION YSS902 Datasheet HTML 8Page - YAMAHA CORPORATION YSS902 Datasheet HTML 9Page - YAMAHA CORPORATION YSS902 Datasheet HTML 10Page - YAMAHA CORPORATION YSS902 Datasheet HTML 11Page - YAMAHA CORPORATION YSS902 Datasheet HTML 12Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
YSS902
8
CONTROL REGISTER
The decoding system is controlled by reading and writing the control registers through microprocessor interface.
(/CS, SCK, SI and SO)
Note : All bits are set to “0” by initial clear (/IC=0) except for PLL0(bit 4) of PLL/DSN register (0x00).
address
Name
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0x00 PLL/DSN Register
PLLUSE
PLL2-0
DSNIGN
DSN2 - 0
0x01 Mute Register
LMUTEN
CMUTEN RMUTEN RSMUTEN LSMUTEN LFEMUTEN DSPMUTEN
AMOFF
0x02 SDIA Register
SDIASEL
PDOWN
SDIAFMT1 - 0
SDIABIT1 - 0
SDIAWP
SDIABP
0x03 SDOA Register
SDOACKSEL
SDOAFMT1 - 0
SDOABIT1 - 0
SDOAWP
SDOABP
0x04 OPORT Register
OPORT7 - 0
0x05 IPORT Register
IPORT7 - 0 (Read only)
0x09 Noise Level Register
NOISELEV7 - 0
0x0A Center Delay Register
CDELAY2 - 0
0x0B Surround Delay Register
SRDELAY3 - 0
0x0C Noise Register
NOISE
PN/WN
0x0D FS Register
FS1 - 0
0x0E L Volume Register
LVOL7 - 0
0x0F C Volume Register
CVOL7 - 0
0x10 R Volume Register
RVOL7 - 0
0x11 LS Volume Register
LSVOL7 - 0
0x12 RS Volume Register
RSVOL7 - 0
0x13 LFE Volume Register
LFEVOL7 - 0
0x14 Compression Register
EMPON
AIBON
VOLON
DITHOFF
P11OFF
DIALOFF
COMPMOD1 - 0
0x15 HDYNRNG Register
HDYNRNG7 - 0
0x16 LDYNRNG Register
LDYNRNG7 - 0
0x17 Mode Register
AC3/PCM
PLDECON PLSRMOD
DUALMOD1 - 0
OUTMOD2 - 0
0x30 COEF0-H Register
COEF0-15 - 8
0x31 COEF0-L Register
COEF0-7 - 0
0x32 COEF1-H Register
COEF1-15 - 8
0x33 COEF1-L Register
COEF1-7 - 0
0x34 SDIB Register
SDIBCKSEL SDIBSEL
SDIBFMT1 - 0
SDIBBIT1 - 0
SDIBWP
SDIBBP
0x35 SDOB Register
SDOBCKSEL
SDBUSE
SDOBFMT1 - 0
SDOBBIT1 - 0
SDOBWP
SDOBBP
0x36 ERAM Register
ERAMUSE
Note : Do not write "1" into the cross-hatched bits because they are used for testing the LSI.
The following registers of address 0x18 to 0x2F are read-only (write disabled).
address
Name
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0x18
Bitstream Register 0
fscod
frmsizecod
0x19
Bitstream Register 1
bsid
bsmod
0x1A Bitstream Register 2
acmod
cmixlev
surmixlev
lfeon
0x1B Bitstream Register 3
dsurmod
copyrightb
origbs
0
0
0
0
0x1C Bitstream Register 4
0
0
0
dialnorm
0x1D Bitstream Register 5
0
0
0
dialnorm2
0x1E
Bitstream Register 6
audprodie
mixlevel
roomtyp
0x1F
Bitstream Register 7
audprodi2e
mixlevel2
roomtyp2
0x20
Bitstream Register 8
timecod1e
0
timecod1
0x21
Bitstream Register 9
timecod1
0x22
Bitstream Register 10
timecod2e
0
timecod2
0x23
Bitstream Register 11
timecod2
0x24
Bitstream Register 12
langcode
langcod2e
compre
compr2e
0
0
0
0
0x25
Bitstream Register 13
langcod


Số phần tương tự - YSS902

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
YSS901 ETC-YSS901 Datasheet
140Kb / 14P
   SD Stereo dipole
logo
YAMAHA CORPORATION
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
   Karaoke Processor 2 for Video disc player
More results

Mô tả tương tự - YSS902

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
YSS248 ETC-YSS248 Datasheet
1Mb / 12P
   DOLBY AC-3 PRO LOGIC DECODER
logo
YAMAHA CORPORATION
YSS932 YAMAHA-YSS932 Datasheet
403Kb / 23P
   96kHz DIR Dolby Digital / Pro Logic II / DTS decoder Sub DSP
logo
New Japan Radio
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJU26203A NJRC-NJU26203A Datasheet
215Kb / 11P
   Dolby Pro Logic II Decoder
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com