công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP3420A bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện TP3420A
Giải thích chi tiết về linh kiện  TP3420A ISDN S/T Interface Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TP3420A bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TP3420A_11 Datasheet HTML 1Page - Texas Instruments TP3420A_11 Datasheet HTML 2Page - Texas Instruments TP3420A_11 Datasheet HTML 3Page - Texas Instruments TP3420A_11 Datasheet HTML 4Page - Texas Instruments TP3420A_11 Datasheet HTML 5Page - Texas Instruments TP3420A_11 Datasheet HTML 6Page - Texas Instruments TP3420A_11 Datasheet HTML 7Page - Texas Instruments TP3420A_11 Datasheet HTML 8Page - Texas Instruments TP3420A_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Block Diagram
Connection Diagrams
Pin Descriptions
Name
Description
GND
Negative power supply pin, normally 0V
(ground). All analog and digital signals
are referenced to this pin.
V
CC
Positive power supply input, which must
be +5V ±5% relative to GND.
MCLK/XTAL
The 15.36 MHz Master Clock input, which
requires either a crystal (Note 1) to be
tied between this pin and XTAL2, or a
CMOS logic level clock input from a
stable source. When using a crystal, a
total of 33 pF load capacitance to GND
must also be connected. (Note 2)
XTAL2
The output of the crystal oscillator, which
should be connected to one end of the
crystal, and 33 pF of load capacitance to
GND. (Note 2) If using an external master
Clock via the MCLK pin, leave the XTAL2
pin unconnected.
BCLK
The Bit Clock pin, which determines the
data shift rate for “B” and “D” channel
data at the digital interface. When NT
mode or TES mode is selected, BCLK is
a TTL/CMOS input which may be any
multiple of 8 kHz from 256 kHz to 4.096
MHz. It need not be synchronous with
MCLK.
When TEM mode is selected, this pin is a
CMOS output at frequency selected by
the Digital Interface Format. This clock is
phase-locked to the received line signal
and is synchronous with the data on B
x
and B
r.
DS009143-1
TP3420A SID
DS009143-20
Order Number TP3420AV
See NS Package Number V20A
TP3420A SID
DS009143-2
Top View
Order Number TP3420AJ or TP3420AN
See NS Package Number J20A or N20A
www.national.com
2


Số phần tương tự - TP3420A_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
TP3420AJ NSC-TP3420AJ Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AN NSC-TP3420AN Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AV NSC-TP3420AV Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3420AV309 NSC-TP3420AV309 Datasheet
84Kb / 3P
   Engineering Project Manager
More results

Mô tả tương tự - TP3420A_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
TP3420A NSC-TP3420A Datasheet
524Kb / 32P
   ISDN S/T Interface Device
TP3421 NSC-TP3421 Datasheet
816Kb / 18P
   ISDN S / T INTERFACE DEVICE WITH GCI ( GENERAL CIRCUIT INTERFACE )
logo
Motorola, Inc
MC145574 MOTOROLA-MC145574 Datasheet
1Mb / 164P
   ISDN S/T-Interface Transceiver
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
Winbond
W6691 WINBOND-W6691 Datasheet
465Kb / 106P
   ISDN S/T Interface Transceiver
logo
PCA ELECTRONICS INC.
EPR1260 PCA-EPR1260 Datasheet
45Kb / 1P
   ISDN S/T-Interface Module
logo
NXP Semiconductors
MC145574EVK NXP-MC145574EVK Datasheet
234Kb / 2P
   ISDN S/T-interface Transceiver Evaluation Kit
REV 0
logo
Macronix International
MX97102 MCNIX-MX97102 Datasheet
309Kb / 42P
   ISDN S/T CONTROLLER
logo
Winbond
W66910 WINBOND-W66910 Datasheet
689Kb / 81P
   TE Mode ISDN S/T-Controller with Microprocessor Interface
logo
Asahi Kasei Microsystem...
AK520S AKM-AK520S Datasheet
1Mb / 8P
   ISDN SINGLE CHIP NT1/(U&S/T-INTERFACE) TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com