công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TP3404 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
TP3404 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
8 / 19 page NRND TP3404 SNOS703 – DECEMBER 2004 www.ti.com ACTIVATION AND LOOP SYNCHRONIZATION Activation (i.e. power-up and loop synchronization) may be initiated from either end of the loop. If the master (QDASL) end is activating the loop, it sends normal bursts of scrambled “1”s which are detected by the slave's line-signal-detect circuitry. The slave then replies with bursts of scrambled “1”s synchronized to the received bursts, and the Framing Detection circuit at each end searches for 4 consecutive correctly formatted receive bursts to acquire full loop synchronization. The QDASL receiver indicates when it is correctly in sync with received bursts by setting an indication in the Status Register and pulling the INT pin low. For the slave end to initiate activation, it begins transmission of alternate bursts i.e., the burst repetition rate is 2 kHz, not 4 kHz. At this point the slave is running from its local oscillator and is not receiving any sync information from the master. When the master's Line-Signal Detect Circuit recognizes this “wake-up” signal, the appropriate QDASL line must be activated by writing to the Control Register. The master begins to transmit bursts synchronized, as normal, to the FS input with a 4 kHz repetition rate. This enables the slave's receiver to correctly identify burst timing from the master and to re-synchronize its own burst transmissions to those it receives. The Framing Detection Circuits then acquire full loop sync as described earlier. Loop synchronization is considered to be lost if the Framing Detection Circuit does not find four framing marks of the four consecutive 4 kHz line frames. At this point an indication is set in the Status Register, the INT output is pulled low, and the receiver searches to re-acquire loop sync. MICROWIRE CONTROL INTERFACE A serial interface, which can be clocked independently from the B and D channel system interfaces, is provided for microcontroller access to the time-slot assignment, Control and Status Registers in the QDASL. The microcontroller is normally the timing master of this interface, and it supplies the CCLK and CS signals. All data transfers consist of simultaneous read and write cycles, in which 2 continuous bytes are sampled on the CI pin, at the same time as 2 bytes are shifted out from the CO pin, see Figure 7. The first byte is a register address and the second is the data. To initiate a Microwire read/write cycle, CS must be pulled low for 16 cycles of CCLK. Data on CI is sampled on rising edges of CCLK, and shifted out from CO on failing edges. When CS is high, the CO pin is in the high-impedance TRI-STATE, enabling the CO pins of many devices to be multiplexed together. Whenever a change (except Bipolar Violation) in any of the QDASL status conditions occurs, the Interrupt output INT is pulled low to alert the microprocessor to initiate a read cycle of the Status Register. This latched output is cleared when the read cycle is initiated. Table 1 lists the address map of control functions and status indicators. Table 2 lists the addresses for the Control Registers for each QDASL line. Even-numbered addresses are read-write cycles, in which the data returned by the CO pin is previous contents of the addressed register. Odd-numbered addresses are readback commands only. Table 1. Global Register Address Map Address Registers (Hex) 00–0F LINE 0 Control (TSX,TSR,CTRL) 10–1F LINE 1 Control (TSX,TSR,CTRL) 20–2F LINE 2 Control (TSX,TSR,CTRL) 30–3F LINE 3 Control (TSX,TSR,CTRL) 40–CF Not used FF Common Status Register for all lines (0–3). See Table 6 8 Submit Documentation Feedback Copyright © 2004, Texas Instruments Incorporated Product Folder Links: TP3404 |
Số phần tương tự - TP3404_14 |
|
Mô tả tương tự - TP3404_14 |