công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP3054WM-X63SN bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện TP3054WM-X63SN
Giải thích chi tiết về linh kiện  Extended Temperature Serial Interface CODEC/Filter COMBO Family
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TP3054WM-X63SN bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button TP3054WM-X63SN Datasheet HTML 7Page - Texas Instruments TP3054WM-X63SN Datasheet HTML 8Page - Texas Instruments TP3054WM-X63SN Datasheet HTML 9Page - Texas Instruments TP3054WM-X63SN Datasheet HTML 10Page - Texas Instruments TP3054WM-X63SN Datasheet HTML 11Page - Texas Instruments TP3054WM-X63SN Datasheet HTML 12Page - Texas Instruments TP3054WM-X63SN Datasheet HTML 13Page - Texas Instruments TP3054WM-X63SN Datasheet HTML 14Page - Texas Instruments TP3054WM-X63SN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TP3054-X, TP3057-X
www.ti.com
SNOSBY2C – MARCH 2005 – REVISED APRIL 2013
Transmission Characteristics (continued)
Unless otherwise noted, limits printed in BOLD characters are ensured for VCC = +5.0V ±5%, VBB = −5.0V ±5%; TA = −40°C
to +85°C by correlation with 100% electrical testing at TA = 25°C. All other limits are assured by correlation with other
production tests and/or product design and characterization. GNDA = 0V, f = 1.02 kHz, VIN = 0 dBm0, transmit input amplifier
connected for unity gain non inverting. Typicals are specified at VCC = +5.0V, VBB = −5.0V, TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ENVELOPE DELAY DISTORTION WITH FREQUENCY
DXA
Transmit Delay, Absolute
f=1600 Hz
290
315
μs
DXR
f=500 Hz
−600 Hz
195
220
μs
f=600 Hz
−800 Hz
120
145
μs
f=800 Hz
−1000 Hz
50
75
μs
Transmit Delay, Relative to DXA
f=1000 Hz
−1600 Hz
20
40
μs
f=1600 Hz
−2600 Hz
55
75
μs
f=2600 Hz
−2800 Hz
80
105
μs
f=2800 Hz
−3000 Hz
130
155
μs
DRA
Receive Delay, Absolute
f=1600 Hz
180
200
μs
DRR
f=500 Hz
−1000 Hz
−40
−25
μs
f=1000 Hz
−1600 Hz
−30
−20
μs
Receive Delay, Relative to DRA
f=1600 Hz
−2600 Hz
70
90
μs
f=2600 Hz
−2800 Hz
100
125
μs
f=2800 Hz
−3000 Hz
145
175
μs
NOISE
NXC
Transmit Noise, C Message Weighted
TP3054(1)
12
16
dBrnC0
NXP
Transmit Noise, P Message Weighted
TP3057(1)
−74
−67
dBm0p
NRC
PCM Code is Alternating Positive and
Receive Noise, C Message Weighted
8
11
dBrnC0
Negative Zero - TP3054
NRP
Receive Noise, P Message Weighted
TP3057 PCM Code Equals Positive Zero
−82
−79
dBm0p
NRS
f=0 kHz to 100 kHz, Loop Around
Noise, Single Frequency
−53
dBm0
Measurement, VFXI
+=0 Vrms
PPSRX
VCC=5.0 VDC+100 mVrms
Positive Power Supply Rejection,
40
dBC
Transmit
f=0 kHz
−50 kHz(2)
NPSRX
VBB=−5.0 VDC+ 100 mVrms
Negative Power Supply Rejection,
40
dBC
Transmit
f=0 kHz
−50 kHz(2)
PPSRR
PCM Code Equals Positive Zero
VCC=5.0 VDC+100 mVrms
Measure VFR0
Positive Power Supply Rejection,
Receive
f=0 Hz
−4000 Hz
38
dBC
f=4 kHz
−25 kHz
38
dB
f=25 kHz
−50 kHz
35
dB
NPSRR
PCM Code Equals Positive Zero
VBB=−5.0 VDC+100 mVrms
Measure VFR0
Negative Power Supply Rejection,
Receive
f=0 Hz
−4000 Hz
38
dBC
f=4 kHz
−25 kHz
38
dB
f=25 kHz
−50 kHz
35
dB
(1)
Measured by extrapolation from the distortion test result at
−50 dBm0.
(2)
PPSRX, NPSRX, and CTR–X are measured with a −50 dBm0 activation signal applied to VFXI
+.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TP3054-X TP3057-X


Số phần tương tự - TP3054WM-X63SN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
TP3054WM-X NSC-TP3054WM-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
More results

Mô tả tương tự - TP3054WM-X63SN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
TP3054-X NSC-TP3054-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3052-X TI1-TP3052-X Datasheet
393Kb / 20P
[Old version datasheet]   TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
[Old version datasheet]   Enhanced Serial Interface CMOS CODEC/Filter COMBO
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com