công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP131-240I/LB bảng dữ liệu(PDF) 25 Page - Microchip Technology

tên linh kiện MCP131-240I/LB
Giải thích chi tiết về linh kiện  Micropower Voltage Supervisors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP131-240I/LB bảng dữ liệu(HTML) 25 Page - Microchip Technology

Back Button MCP131-240I/LB Datasheet HTML 20Page - Microchip Technology MCP131-240I/LB Datasheet HTML 21Page - Microchip Technology MCP131-240I/LB Datasheet HTML 22Page - Microchip Technology MCP131-240I/LB Datasheet HTML 23Page - Microchip Technology MCP131-240I/LB Datasheet HTML 24Page - Microchip Technology MCP131-240I/LB Datasheet HTML 25Page - Microchip Technology MCP131-240I/LB Datasheet HTML 26Page - Microchip Technology MCP131-240I/LB Datasheet HTML 27Page - Microchip Technology MCP131-240I/LB Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2004-2014 Microchip Technology Inc.
DS20001906D-page 25
MCP102/103/121/131
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP102: MicroPower Voltage Supervisor, push-pull
MCP102T: MicroPower Voltage Supervisor, push-pull
(Tape and Reel)
MCP103: MicroPower Voltage Supervisor, push-pull
MCP103T: MicroPower Voltage Supervisor, push-pull
(Tape and Reel)
MCP121
MicroPower Voltage Supervisor, open-drain
MCP121T: MicroPower Voltage Supervisor, open-drain
(Tape and Reel)
MCP131
MicroPower Voltage Supervisor, open-drain
MCP131T: MicroPower Voltage Supervisor, open-drain
(Tape and Reel)
Monitoring
Options:
195 = 1.90V
240 = 2.32V
270 = 2.63V
300 = 2.93V
315 = 3.08V
450 = 4.38V
475 = 4.63V
Temperature
Range:
I
= -40°C to +85°C (MCP1xx(T)-195 only)
E
= -40°C to +125°C (Except for MCP1xx(T)-195)
Package:
TT = SOT-23, 3-lead
LB = SC70, 3-lead
TO = TO-92, 3-lead
PART NO.
XXX
X
Temperature
Monitoring
Options
Device
Examples:
a)
MCP102T-195I/TT: Tape and Reel,
1.95V MicroPower
Voltage Supervisor,
push-pull,
-40°C to +85°C,
SOT-23 package
b)
MCP102-300E/TO: 3.00V MicroPower
Voltage Supervisor,
push-pull,
-40°C to +125°C,
TO-92 package
a)
MCP103T-270E/TT: Tape and Reel,
2.70V MicroPower
Voltage Supervisor,
push-pull,
-40°C to +125°C,
SOT-23 package
b)
MCP103T-475E/LB: Tape and Reel,
4.75V MicroPower
Voltage Supervisor,
push-pull,
-40°C to +125°C,
SC70 package
a)
MCP121T-315E/LB: Tape and Reel,
3.15V MicroPower
Voltage Supervisor,
open-drain,
-40°C to +125°C,
SC70 package
b)
MCP121-300E/TO: 3.00V MicroPower
Voltage Supervisor,
open-drain,
-40°C to +125°C,
TO-92 package
a)
MCP131T-195I/TT:
Tape and Reel,
1.95V MicroPower
Voltage Supervisor,
open-drain,
-40°C to +85°C,
SOT-23 package
b)
MCP131-300E/TO: 3.00V MicroPower
Voltage Supervisor,
open-drain,
-40°C to +125°C,
TO-92 package
Range
XX
Package
X
Tape/Reel
Option
/


Số phần tương tự - MCP131-240I/LB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP131-240I/LB MICROCHIP-MCP131-240I/LB Datasheet
420Kb / 28P
   Micropower Voltage Supervisors
2005
More results

Mô tả tương tự - MCP131-240I/LB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP102 MICROCHIP-MCP102 Datasheet
420Kb / 28P
   Micropower Voltage Supervisors
2005
MCP121 MICROCHIP-MCP121 Datasheet
464Kb / 24P
   Micropower Voltage Supervisors
2004
MCP102 MICROCHIP-MCP102_13 Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
2004-2013
MCP103T-195I MICROCHIP-MCP103T-195I Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
11/29/12
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com