công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP121-240E/TT bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện MCP121-240E/TT
Giải thích chi tiết về linh kiện  Micropower Voltage Supervisors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121-240E/TT bảng dữ liệu(HTML) 1 Page - Microchip Technology

  MCP121-240E/TT Datasheet HTML 1Page - Microchip Technology MCP121-240E/TT Datasheet HTML 2Page - Microchip Technology MCP121-240E/TT Datasheet HTML 3Page - Microchip Technology MCP121-240E/TT Datasheet HTML 4Page - Microchip Technology MCP121-240E/TT Datasheet HTML 5Page - Microchip Technology MCP121-240E/TT Datasheet HTML 6Page - Microchip Technology MCP121-240E/TT Datasheet HTML 7Page - Microchip Technology MCP121-240E/TT Datasheet HTML 8Page - Microchip Technology MCP121-240E/TT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2004-2014 Microchip Technology Inc.
DS20001906D-page 1
MCP102/103/121/131
Features:
• Ultra-Low Supply Current: 1.75 µA
(steady-state maximum)
Precision Monitoring Options of:
- 1.90V, 2.32V, 2.63V, 2.93V, 3.08V, 4.38V and
4.63V
• Resets Microcontroller in a Power-Loss Event
•RST Pin (active-low):
- MCP121: Active-low, Open-drain
- MCP131: Active-low, Open-drain with Inter-
nal Pull-up Resistor
- MCP102 and MCP103: Active-low, Push-pull
• Reset Delay Timer (120 ms delay, typical)
• Available in SOT-23, TO-92 and SC70 Packages
Temperature Range:
- Extended: -40°C to +125°C
(except MCP1XX-195)
- Industrial: -40°C to +85°C (MCP1XX-195 only)
• Pb-free Devices
Applications:
• Critical Microcontroller and Microprocessor
Power-monitoring Applications
• Computers
• Intelligent Instruments
• Portable Battery-powered Equipment
General Description:
The
MCP102/103/121/131
devices
are
voltage
supervisor devices designed to keep a microcontroller
in reset until the system voltage has reached and
stabilized at the proper level for reliable system
operation. Table 1 shows the available features for
these devices.
Package Types
Block Diagram
SOT-23/SC70
VSS
RST
1
2
3
VDD
RST
TO-92
SOT-23/SC70
VDD
VSS 1
2
3
RST
VDD VSS
VDD
Comparator
+
Output
Driver
RST
Band Gap
Reference
VSS
Reset
Delay
Circuit
R (1)
Note:
MCP131 only
Micropower Voltage Supervisors


Số phần tương tự - MCP121-240E/TT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP121-240E/TT MICROCHIP-MCP121-240E/TT Datasheet
420Kb / 28P
   Micropower Voltage Supervisors
2005
More results

Mô tả tương tự - MCP121-240E/TT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP102 MICROCHIP-MCP102 Datasheet
420Kb / 28P
   Micropower Voltage Supervisors
2005
MCP121 MICROCHIP-MCP121 Datasheet
464Kb / 24P
   Micropower Voltage Supervisors
2004
MCP102 MICROCHIP-MCP102_13 Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
2004-2013
MCP103T-195I MICROCHIP-MCP103T-195I Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
11/29/12
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com