công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP121-450I/TT bảng dữ liệu(PDF) 3 Page - Microchip Technology

tên linh kiện MCP121-450I/TT
Giải thích chi tiết về linh kiện  Micropower Voltage Supervisors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121-450I/TT bảng dữ liệu(HTML) 3 Page - Microchip Technology

  MCP121-450I/TT Datasheet HTML 1Page - Microchip Technology MCP121-450I/TT Datasheet HTML 2Page - Microchip Technology MCP121-450I/TT Datasheet HTML 3Page - Microchip Technology MCP121-450I/TT Datasheet HTML 4Page - Microchip Technology MCP121-450I/TT Datasheet HTML 5Page - Microchip Technology MCP121-450I/TT Datasheet HTML 6Page - Microchip Technology MCP121-450I/TT Datasheet HTML 7Page - Microchip Technology MCP121-450I/TT Datasheet HTML 8Page - Microchip Technology MCP121-450I/TT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
 2004-2014 Microchip Technology Inc.
DS20001906D-page 3
MCP102/103/121/131
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Input current (VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 mA
Output current (RST) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA
Rated Rise Time of VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V/µs
All inputs and outputs (except RST) w.r.t. VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.6V to (VDD +1.0V)
RST output w.r.t. VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.6V to 13.5V
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to + 150°C
Ambient temperature with power applied . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to + 125°C
Maximum Junction temperature with power applied . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
ESD protection on all pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ³ 2 kV
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits are specified for: VDD = 1V to 5.5V, RPU = 100 k (MCP121 only),
TA = -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Operating Voltage Range
VDD
1.0
5.5
V
Specified VDD Value to RST low
VDD
1.0
V
IRST =10 µA, VRST <0.2V
Operating Current
MCP102,
MCP103,
MCP121
IDD
< 1
1.75
µA
Reset Power-up Timer (tRPU) Inactive
20.0
µA
Reset Power-up Timer (tRPU) Active
MCP131
IDD
—< 1
1.75
µA
VDD >VTRIP and Reset Power-up
Timer (tRPU) Inactive
——
75
µA
VDD <VTRIP and Reset Power-up
Timer (tRPU) Inactive (Note 3)
90
µA
Reset Power-up Timer (tRPU) Active
(Note 4)
Note
1:
Trip point is ±1.5% from typical value.
2:
Trip point is ±2.5% from typical value.
3:
RST output is forced low. There is a current through the internal pull-up resistor.
4:
This includes the current through the internal pull-up resistor and the reset power-up timer.
5:
This specification allows this device to be used in PIC® microcontroller applications that require In-Circuit Serial
Programming™ (ICSP™) (see device-specific programming specifications for voltage requirements). This specification
DOES NOT allow a continuous high voltage to be present on the open-drain output pin (VOUT). The total time that the
VOUT pin can be above the maximum device operational voltage (5.5V) is 100s. Current into the VOUT pin should be
limited to 2 mA and it is recommended that the device operational temperature be maintained between 0°C to 70°C
(+25°C preferred). For additional information, please refer to Figure 2-33.
6:
This parameter is established by characterization and not 100% tested.


Số phần tương tự - MCP121-450I/TT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP121-450I/TT MICROCHIP-MCP121-450I/TT Datasheet
420Kb / 28P
   Micropower Voltage Supervisors
2005
More results

Mô tả tương tự - MCP121-450I/TT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP102 MICROCHIP-MCP102 Datasheet
420Kb / 28P
   Micropower Voltage Supervisors
2005
MCP121 MICROCHIP-MCP121 Datasheet
464Kb / 24P
   Micropower Voltage Supervisors
2004
MCP102 MICROCHIP-MCP102_13 Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
2004-2013
MCP103T-195I MICROCHIP-MCP103T-195I Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
11/29/12
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com