công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FP-1310-5I-100SMF-SCAPC bảng dữ liệu(PDF) 1 Page - Finisar Corporation.

tên linh kiện FP-1310-5I-100SMF-SCAPC
Giải thích chi tiết về linh kiện  1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FINISAR [Finisar Corporation.]
Trang chủ  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FP-1310-5I-100SMF-SCAPC bảng dữ liệu(HTML) 1 Page - Finisar Corporation.

  FP-1310-5I-100SMF-SCAPC Datasheet HTML 1Page - Finisar Corporation. FP-1310-5I-100SMF-SCAPC Datasheet HTML 2Page - Finisar Corporation. FP-1310-5I-100SMF-SCAPC Datasheet HTML 3Page - Finisar Corporation. FP-1310-5I-100SMF-SCAPC Datasheet HTML 4Page - Finisar Corporation. FP-1310-5I-100SMF-SCAPC Datasheet HTML 5Page - Finisar Corporation. FP-1310-5I-100SMF-SCAPC Datasheet HTML 6Page - Finisar Corporation. FP-1310-5I-100SMF-SCAPC Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES:
Wide operating temperature
(-40°C to 85°C)
Stable threshold current for easy
transmitter control (T0 ~ 80K)
1310 nm typical emission
wavelength FP-LDs
Pigtailed package
High-speed modulation
capability (Up to 5Gb/s)
Excellent reliability
Ultra-low gradual
wear-out rates
<1% failures in 20 yrs at 55C
APPLICATION
Source for high-speed
data-communication and
telecommunication links
SONET, Fiber-channel,
Giag-bit Ethernet, FTTX
CATV / Satellite and other
analogue markets
1310 NM FABRY-PEROT (FP)
LASER DIODE
PIGTAILED PACKAGE
FP-1310-5I-XXX
Preliminary
DATA
SHEET
The FP-1310-5I-xxx is an MOCVD grown InAlGaAs ridge laser diode with
emission wave-length of 1310 nm and standard continuous light output of 5
mW per facet. These lasers provide stable, single transverse mode oscillation.
These are hermetically sealed devices with an integrated monitor photodiode
to monitor the optical output.
The TO-56 laser can is mounted inside a metal coaxial package which is then
pigtailed with a singlemode fiber and terminated with a fiber connector. The
pigtail comes in a choice of 50cm or 100cm lengths as standard, terminated
with either FC or SC connectors with an APC or UPC polish.
Suitable as a light source for data-com and telecom applications with data
rates up to 5 Gb/s.
Part Number
Description
FP-1310-5I-50SMF-FCUPC
1310 nm Fabry-Perot (FP) Laser Diode, 50cm singlemode
pigtailed package, FC UPC connector.
FP-1310-5I-50SMF-FCAPC
1310 nm Fabry-Perot (FP) Laser Diode, 50cm singlemode
pigtailed package, FC APC connector.
FP-1310-5I-
100SMF-SCUPC
1310 nm Fabry-Perot (FP) Laser Diode,
100cm singlemode
pigtailed package, SC UPC connector.
FP-1310-5I-
100SMF-SCAPC
1310 nm Fabry-Perot (FP) Laser Diode,
100cm singlemode
pigtailed package, SC APC connector.
.
Other fiber lengths and connector options available on request.


Số phần tương tự - FP-1310-5I-100SMF-SCAPC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Finisar Corporation.
FP-1310-10LRM-LCA FINISAR-FP-1310-10LRM-LCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
FP-1310-10LRM-SCA FINISAR-FP-1310-10LRM-SCA Datasheet
360Kb / 8P
   1310nm SC TOSA with FP laser
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
FP-1310-4I-LCC FINISAR-FP-1310-4I-LCC Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
More results

Mô tả tương tự - FP-1310-5I-100SMF-SCAPC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Emcore Corporation
G1033-201 EMCORE-G1033-201 Datasheet
423Kb / 3P
   10G 1310 nm Fabry-Perot Laser Chip
logo
Zarlink Semiconductor I...
ZL60402 ZARLINK-ZL60402 Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60404 ZARLINK-ZL60404 Datasheet
315Kb / 9P
   1.25 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401 ZARLINK-ZL60401 Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
   DFB Laser Fabry-Perot Lasers
logo
Finisar Corporation.
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
logo
JDS Uniphase Corporatio...
21065427 JDSU-21065427 Datasheet
86Kb / 4P
   Uncooled 1310 nm Fabry-Perot (FP) Source Laser in LC Transmitter Optical Sub-assembly (TOSA)
logo
Unity Opto Technology
MCE-3E5B-002 UOT-MCE-3E5B-002 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
MCE-3E5B-012 UOT-MCE-3E5B-012 Datasheet
74Kb / 2P
   1310 nm LASER DIODE
MCE-3E5B-001 UOT-MCE-3E5B-001 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com