công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC37N3869 bảng dữ liệu(PDF) 3 Page - SMSC Corporation

tên linh kiện FDC37N3869
Giải thích chi tiết về linh kiện  3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N3869 bảng dữ liệu(HTML) 3 Page - SMSC Corporation

  FDC37N3869 Datasheet HTML 1Page - SMSC Corporation FDC37N3869 Datasheet HTML 2Page - SMSC Corporation FDC37N3869 Datasheet HTML 3Page - SMSC Corporation FDC37N3869 Datasheet HTML 4Page - SMSC Corporation FDC37N3869 Datasheet HTML 5Page - SMSC Corporation FDC37N3869 Datasheet HTML 6Page - SMSC Corporation FDC37N3869 Datasheet HTML 7Page - SMSC Corporation FDC37N3869 Datasheet HTML 8Page - SMSC Corporation FDC37N3869 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 136 page
background image
SMSC DS – FDC37N3869
Page 3
Rev. 10/25/2000
GENERAL DESCRIPTION
The SMSC FDC37N3869 is a 3.3v PC 99-compliant Super I/O Controller with Infrared support. The FDC37N3869
utilizes SMSC’s proven SuperCell technology and is optimized for motherboard applications. The FDC37N3869
incorporates SMSC’s true CMOS 765B floppy disk controller, advanced digital data separator, 16-byte data FIFO, two
16C550 compatible UARTs, one Multi-Mode parallel port with ChiProtect circuitry plus EPP and ECP support, game
port chip select logic and one floppy direct drive support. The FDC37N3869 does not require any external filter
components, is easy to use and offers lower system cost and reduced board area. The FDC37N3869 is software and
register compatible with SMSC’s proprietary 82077AA core.
The true CMOS 765B core provides 100% compatibility with IBM PC/XT and PC/AT architectures and provides data
overflow and underflow protection. The SMSC advanced digital data separator incorporates SMSC’s patented data
separator technology allowing for ease of testing and use. The FDC37N3869 supports both 1Mbps and 2Mbps data
rates and vertical recording operation at 1Mbps Data Rate.
The FDC37N3869 also features a full 16-bit internally decoded address bus, a Serial IRQinterface with PCI
nCLKRUN support, relocatable configuration ports and four DMA channel options.
Both on-chip UARTs are compatible with the NS16C550. One UART includes additional support for a Serial Infrared
Interface that complies with IrDA v1.2 (Fast IR), HPSIR, and ASKIR formats (used by Sharp, Apple Newton, and other
PDAs), as well as Consumer IR.
The parallel port and the game port select logic are compatible with IBM PC/AT architectures. The parallel port
ChiProtect circuitry prevents damage caused by an attached powered printer when the FDC37N3869 is not powered.
The FDC37N3869 incorporates sophisticated power control circuitry (PCC). The PCC supports multiple low power
down modes. The FDC37N3869 also features Software Configurable Logic (SCL) for ease of use. SCL allows
programmable system configuration of key functions such as the FDC, parallel port, and UARTs.


Số phần tương tự - FDC37N3869

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
logo
Agilent(Hewlett-Packard...
FDC37N769 HP-FDC37N769 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
FDC37N869 SMSC-FDC37N869 Datasheet
449Kb / 147P
   5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications
More results

Mô tả tương tự - FDC37N3869

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SMSC Corporation
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37N869 SMSC-FDC37N869 Datasheet
449Kb / 147P
   5V and 3.3V Super I/O Controller with Infrared Support for Portable Applications
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Winbond
W83787IF WINBOND-W83787IF Datasheet
1Mb / 123P
   WINBOND I/O WITH SERIAL-INFRARED SUPPORT
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com