công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1726T-1802E/MF bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện MCP1726T-1802E/MF
Giải thích chi tiết về linh kiện  1A, Low-Voltage, Low Quiescent Current LDO Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726T-1802E/MF bảng dữ liệu(HTML) 1 Page - Microchip Technology

  MCP1726T-1802E/MF Datasheet HTML 1Page - Microchip Technology MCP1726T-1802E/MF Datasheet HTML 2Page - Microchip Technology MCP1726T-1802E/MF Datasheet HTML 3Page - Microchip Technology MCP1726T-1802E/MF Datasheet HTML 4Page - Microchip Technology MCP1726T-1802E/MF Datasheet HTML 5Page - Microchip Technology MCP1726T-1802E/MF Datasheet HTML 6Page - Microchip Technology MCP1726T-1802E/MF Datasheet HTML 7Page - Microchip Technology MCP1726T-1802E/MF Datasheet HTML 8Page - Microchip Technology MCP1726T-1802E/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2005-2014 Microchip Technology Inc.
DS20001936D-page 1
MCP1726
Features:
• 1A Output Current Capability
• Input Operating Voltage Range: 2.3V to 6.0V
• Adjustable Output Voltage Range: 0.8V to 5.0V
• Standard Fixed Output Voltages:
- 0.8V, 1.2V, 1.8V, 2.5V, 3.0V, 3.3V, 5.0V
• Low Dropout Voltage: 220 mV typical at 1A
• Typical Output Voltage Tolerance: ±0.5%
• Stable with 1.0 µF Ceramic Output Capacitor
• Fast Response to Load Transients
• Low Supply Current: 140 µA (typical)
• Low Shutdown Supply Current: 0.1 µA (typical)
• Adjustable Delay on Power Good Output
• Short-Circuit Current Limiting and
Overtemperature Protection
• 3x3 DFN-8 and SOIC-8 Package Options
Applications:
• High-Speed Driver Chipset Power
• Networking Backplane Cards
• Notebook Computers
• Network Interface Cards
• Palmtop Computers
• 2.5V to 1.XV Regulators
Description:
The MCP1726 is a 1A Low Dropout (LDO) linear
regulator that provides high current and low output
voltages in a very small package. The MCP1726
comes in fixed or adjustable output voltage versions,
with an output voltage range of 0.8V to 5.0V. The 1A
output current capability and low output voltage
capability make the MCP1726 a good choice for new
sub-1.8V output voltage LDO applications that have
high current demands.
The MCP1726 is stable using ceramic output
capacitors that inherently provide lower output noise
and reduce the size and cost of the entire regulator
solution. Only 1 µF of output capacitance is needed to
stabilize the LDO.
Using CMOS construction, the quiescent current
consumed by the MCP1726 is typically less than
140 µA over the entire input voltage range, making it
attractive for portable computing applications that
demand high output current. When the MCP1726 is
shut down, the quiescent current is reduced to less
than 0.1 µA.
The scaled-down output voltage is internally monitored
and a Power Good (PWRGD) output is provided when
the output is within 92% of regulation (typical). An
external capacitor can be used on the CDELAY pin to
adjust the delay from 1 ms to 300 ms.
The overtemperature and short-circuit current limiting
provide additional protection for the LDO during system
fault conditions.
Package Types
SHDN
VIN
GND
ADJ
CDELAY
1
2
3
4
PWRGD
VOUT
VIN
8
7
6
5
MCP1726-ADJ
SOIC
SHDN
VIN
GND
VOUT
CDELAY
1
2
3
4
PWRGD
VOUT
VIN
8
7
6
5
MCP1726-xx
SOIC
SHDN
VIN
GND
ADJ
CDELAY
1
2
3
4
8
7
6
5 PWRGD
VOUT
VIN
EP
9
MCP1726-ADJ
3x3 DFN
SHDN
VIN
GND
VOUT
CDELAY
1
2
3
4
8
7
6
5 PWRGD
VOUT
VIN
EP
9
MCP1726-xx
3x3 DFN
1A, Low-Voltage, Low Quiescent Current LDO
Regulator


Số phần tương tự - MCP1726T-1802E/MF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1726T-1802E/MF MICROCHIP-MCP1726T-1802E/MF Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
More results

Mô tả tương tự - MCP1726T-1802E/MF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480 TSC-TS3480 Datasheet
269Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1727 MICROCHIP-MCP1727 Datasheet
806Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1727-ADJE MICROCHIP-MCP1727-ADJE Datasheet
705Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
12/08/06
MCP1827 MICROCHIP-MCP1827 Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827 MICROCHIP-MCP1827_13 Datasheet
710Kb / 34P
   1.5A, Low-Voltage, Low Quiescent Current LDO Regulator
2006-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com