công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1726T-5002E/SN bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện MCP1726T-5002E/SN
Giải thích chi tiết về linh kiện  1A, Low-Voltage, Low Quiescent Current LDO Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726T-5002E/SN bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button MCP1726T-5002E/SN Datasheet HTML 3Page - Microchip Technology MCP1726T-5002E/SN Datasheet HTML 4Page - Microchip Technology MCP1726T-5002E/SN Datasheet HTML 5Page - Microchip Technology MCP1726T-5002E/SN Datasheet HTML 6Page - Microchip Technology MCP1726T-5002E/SN Datasheet HTML 7Page - Microchip Technology MCP1726T-5002E/SN Datasheet HTML 8Page - Microchip Technology MCP1726T-5002E/SN Datasheet HTML 9Page - Microchip Technology MCP1726T-5002E/SN Datasheet HTML 10Page - Microchip Technology MCP1726T-5002E/SN Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2005-2014 Microchip Technology Inc.
DS20001936D-page 7
MCP1726
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, VIN =VOUT + 0.5V, IOUT = 1 mA and TA =+25°C.
FIGURE 2-1:
Quiescent Current vs. Input
Voltage (1.2V Adjustable).
FIGURE 2-2:
Ground Current vs. Load
Current (1.2V Adjustable).
FIGURE 2-3:
Quiescent Current vs.
Junction Temperature (1.2V Adjustable).
FIGURE 2-4:
Line Regulation vs.
Temperature (1.2V Adjustable).
FIGURE 2-5:
Load Regulation vs.
Temperature.
FIGURE 2-6:
Adjust Pin Voltage vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
100
110
120
130
140
150
160
170
180
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
-40ºC
+125°C
+25°C
VR = 1.2V (Adj.)
IOUT = 0 mA
120
140
160
180
200
220
240
260
280
300
0
200
400
600
800
1000
Load Current (mA)
VIN = 2.5V
VIN = 3.3V
VR = 1.2V (Adj.)
100
110
120
130
140
150
160
Temperature (°C)
VIN = 2.5V
VIN = 5.0V
VIN = 3.3V
VR = 1.2V (Adj.)
IOUT = 0 mA
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
Temperature (°C)
IOUT = 1A
IOUT = 500 mA
IOUT = 100 mA
IOUT = 1 mA
VR = 1.2V (Adj.)
VIN = 2.3V to 6.0V
0.10
0.20
0.30
0.40
0.50
0.60
0.70
Temperature (°C)
VR = 0.8V
VR = 1.8V
VR = 3.3V
VR = 5.0V
VIN = VR + 0.6V (or 2.3V)
IOUT = 1 mA to 1A
408.50
409.00
409.50
410.00
410.50
411.00
Temperature (°C)
VIN = 6.0V
VIN = 2.3V
IOUT = 1 mA


Số phần tương tự - MCP1726T-5002E/SN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1726T-5002E/SN MICROCHIP-MCP1726T-5002E/SN Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
More results

Mô tả tương tự - MCP1726T-5002E/SN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP1726-3302E MICROCHIP-MCP1726-3302E Datasheet
534Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
06/25/07
MCP1726 MICROCHIP-MCP1726 Datasheet
431Kb / 30P
   1A, Low Voltage, Low Quiescent Current LDO Regulator
2005
logo
ams AG
AS1376 AMSCO-AS1376 Datasheet
1Mb / 20P
   1A, Low Input Voltage, Low Quiescent Current LDO
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480 TSC-TS3480 Datasheet
269Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
TS3480CX50 TSC-TS3480CX50 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1727 MICROCHIP-MCP1727 Datasheet
806Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1727-ADJE MICROCHIP-MCP1727-ADJE Datasheet
705Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
12/08/06
MCP1827 MICROCHIP-MCP1827 Datasheet
813Kb / 32P
   1.5A, Low Voltage, Low Quiescent Current LDO Regulator
2007
MCP1827 MICROCHIP-MCP1827_13 Datasheet
710Kb / 34P
   1.5A, Low-Voltage, Low Quiescent Current LDO Regulator
2006-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com