công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2022-330E/P bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP2022-330E/P
Giải thích chi tiết về linh kiện  LIN Transceiver with Voltage Regulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2022-330E/P bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP2022-330E/P Datasheet HTML 1Page - Microchip Technology MCP2022-330E/P Datasheet HTML 2Page - Microchip Technology MCP2022-330E/P Datasheet HTML 3Page - Microchip Technology MCP2022-330E/P Datasheet HTML 4Page - Microchip Technology MCP2022-330E/P Datasheet HTML 5Page - Microchip Technology MCP2022-330E/P Datasheet HTML 6Page - Microchip Technology MCP2022-330E/P Datasheet HTML 7Page - Microchip Technology MCP2022-330E/P Datasheet HTML 8Page - Microchip Technology MCP2022-330E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
 2005-2014 Microchip Technology Inc.
DS20002018H-page 5
MCP2021/2/1P/2P
1.0
DEVICE OVERVIEW
The MCP2021/2/1P/2P provides a physical interface
between a microcontroller and a LIN half-duplex bus. It
is intended for automotive and industrial applications
with serial bus speeds up to 20 Kbaud.
The
MCP2021/2/1P/2P
provides
a
half-duplex,
bidirectional communications interface between a
microcontroller and the serial network bus. This device
will translate the CMOS/TTL logic levels to LIN-level
logic, and vice versa.
The
LIN
specification
2.0
requires
that
the
transceiver(s) of all nodes in the system be connected
via the LIN pin, referenced to ground, and with a
maximum external termination resistance load of 510Ω
from LIN bus to battery supply. The 510Ω
corresponds
to one Master and sixteen Slave nodes.
The MCP2021/2/1P/2P-500 provides a +5V, 50 mA,
regulated power output. The regulator uses an LDO
design, is short-circuit protected, and will turn the
regulator output off if it falls below 3.5V.
The
MCP2021/2/1P/2P
also
includes
thermal-shutdown protection.
The regulator is specifically designed to operate in the
automotive environment and will survive +43V load
dump transients, double-battery jumps, and reverse
battery connections when a reverse blocking diode is
used.
The
other
members
of
the
MCP2021/2/1P/2P-330 family output +3.3V at 50 mA
with a turn-off voltage of 2.5V. (See Section 1.6
“Internal Voltage Regulator”
).
MCP2021/2 wakes from Power-Down mode on a
dominant level on LBUS. MCP2021P/2P wakes at a
transition from recessive level to dominant level on
LBUS.
1.1
Optional External Protection
1.1.1
REVERSE BATTERY PROTECTION
An external reverse-battery-blocking diode should be
used to provide polarity protection (see Figure 1-6).
1.1.2
TRANSIENT VOLTAGE
PROTECTION (LOAD DUMP)
An external 43V transient suppressor (TVS) diode,
between VBB and ground, with a 50Ω transient protec-
tion resistor (RTP) in series with the battery supply and
the VBB pin, protect the device from power transients
(see Figure 1-6) and ESD events. While this protection
is optional, it is considered good engineering practice.
The resistor value is chosen according to Equation 1-1.
EQUATION 1-1:
1.2
Internal Protection
1.2.1
ESD PROTECTION
For component-level ESD ratings, please refer to the
Section 2.1 “Absolute Maximum Ratings†”
.
1.2.2
GROUND LOSS PROTECTION
The LIN Bus specification states that the LIN pin must
transition to the recessive state when ground is
disconnected. Therefore, a loss of ground effectively
forces the LIN line to a high-impedance level.
1.2.3
THERMAL PROTECTION
The thermal protection circuit monitors the die tem-
perature and is able to shut down the LIN transmitter
and voltage regulator if it detects a thermal overload.
There are three causes for a thermal overload. A
thermal shut down can be triggered by any one, or a
combination of, the following thermal overload
conditions:
• Voltage regulator overload
• LIN bus output overload
• Increase in die temperature due to increase in
environmental temperature
Driving the TXD and checking the RXD pin makes it pos-
sible to determine whether there is a bus contention
(i.e., RXD = low, TXD = high) or a thermal overload con-
dition (i.e., RXD = high, TXD = low).
RTP
(VBB
min - 5.5) / 250 mA.
5.5V = VUVLO + 1.0V,
250 mA is the peak current at Power-On when
VBB = 5.5V


Số phần tương tự - MCP2022-330E/P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2022-330E/P MICROCHIP-MCP2022-330E/P Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
More results

Mô tả tương tự - MCP2022-330E/P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
   LIN Transceiver with Voltage Regulator
2005-2012
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com